Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4813 Datasheet HTML 1Page - Richtek Technology Corporation RT4813 Datasheet HTML 2Page - Richtek Technology Corporation RT4813 Datasheet HTML 3Page - Richtek Technology Corporation RT4813 Datasheet HTML 4Page - Richtek Technology Corporation RT4813 Datasheet HTML 5Page - Richtek Technology Corporation RT4813 Datasheet HTML 6Page - Richtek Technology Corporation RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4813-00
April
2016
www.richtek.com
1
High Efficiency Boost Converter
General Description
The RT4813 allows systems to take advantage of new
battery chemistries that can supply significant energy
when the battery voltage is lower than the required
voltage for system power ICs. By combining built-in
power transistors, synchronous rectification, and low
supply current; this IC provides a compact solution for
systems using advanced Li-Ion battery chemistries.
The RT4813 is a boost regulator designed to provide a
minimum output voltage from a single-cell Li-Ion battery,
even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 3.1A.
Quiescent current in Shutdown Mode is less than 1
A,
which maximizes battery life.
Ordering Information
RT4813
Package Type
QUF : UQFN-9L 2x2 (FC) (U-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
CMCOT Topology and Small Output Ripple when
VIN Close VOUT Voltage
Operates from a Single Li-ion Cell : 1.8V to 5.5V
Adjustable Output Voltage : 1.8V to 5.5V
PSM Operation
Up to 96% Efficiency
Input Over Current Limit
Input / Output Over Voltage Protection
Programmable Average Output Current Limit
Range : 3100mA to 1225mA
Internal Compensation
Output Discharge
Output Short Protection
True Load Disconnect
Applications
Single-Cell Li-Ion, LiFePO4 Smart-Phones
Portable Equipment
Marking Information
3V : Product Code
W : Date Code
3VW
Simplified Application Circuit
GND
SW
VOUT
SCL
L1
C1
VIN
C2
C3
FB
RT4813
R1
R2
VOUT
SDA
I
2C Control
VIN
EN
EN
R3


Similar Part No. - RT4813

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
RT4813AGQUF RICHTEK-RT4813AGQUF Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
More results

Similar Description - RT4813

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
High Efficiency 2.5W Boost Converter
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com