Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation RT4813 Datasheet HTML 10Page - Richtek Technology Corporation RT4813 Datasheet HTML 11Page - Richtek Technology Corporation RT4813 Datasheet HTML 12Page - Richtek Technology Corporation RT4813 Datasheet HTML 13Page - Richtek Technology Corporation RT4813 Datasheet HTML 14Page - Richtek Technology Corporation RT4813 Datasheet HTML 15Page - Richtek Technology Corporation RT4813 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4813-00
April
2016
12
Function Register Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
OPTION 0X04
Meaning
Reversed Reversed Reversed Reversed
FSW
EN
_IAVGCL
EN
_Discharge
Default
0
0
0
0
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FSW
Boost frequency setting.
00 : 2MHz
01 : Do not allowed
10 : 1MHz
11 : 500kHz (default)
EN_IAVGCL
Enable average output current limit
0 : Disable
1 : Enable (default)
EN_Discharge
Enable discharge
0 : Disable
1 : Enable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com