Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4813 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4813
Description  High Efficiency Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4813 Datasheet HTML 1Page - Richtek Technology Corporation RT4813 Datasheet HTML 2Page - Richtek Technology Corporation RT4813 Datasheet HTML 3Page - Richtek Technology Corporation RT4813 Datasheet HTML 4Page - Richtek Technology Corporation RT4813 Datasheet HTML 5Page - Richtek Technology Corporation RT4813 Datasheet HTML 6Page - Richtek Technology Corporation RT4813 Datasheet HTML 7Page - Richtek Technology Corporation RT4813 Datasheet HTML 8Page - Richtek Technology Corporation RT4813 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT4813
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4813-00
April
2016
2
Pin Configurations
(TOP VIEW)
VIN
EN
VOUT
FB
SW
GND
PGND
SDA
9
1
8
7
2
6
3
5
4
UQFN-9L 2x2 (FC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Enable Input (1 enabled, 0 disabled), Must Not be Left Floating.
2
VOUT
Boost Converter Output.
3
SW
Switching Node.
4
PGND
Power Ground.
5
SDA
I2C Interface Data Input.
6
GND
Analog Ground.
7
FB
Voltage Feedback.
8
VIN
Power Input. Input capacitor CIN must be placed as close to IC as possible.
9
SCL
I2C Interface Clock Input.
Functional Block Diagram
Gate
DRV
AMP
VOUT
GND
PWM
CTRL
VREF
Digital
CTRL
SW
PGND
SDA
VIN
OSC
OTP
UVLO
OCP
FB
SCL
EN
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com