Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 31Page - National Semiconductor (TI) CS9210 Datasheet HTML 32Page - National Semiconductor (TI) CS9210 Datasheet HTML 33Page - National Semiconductor (TI) CS9210 Datasheet HTML 34Page - National Semiconductor (TI) CS9210 Datasheet HTML 35Page - National Semiconductor (TI) CS9210 Datasheet HTML 36Page - National Semiconductor (TI) CS9210 Datasheet HTML 37Page - National Semiconductor (TI) CS9210 Datasheet HTML 38Page - National Semiconductor (TI) CS9210 Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Revision 3.2
37
www.national.com
6.0
Mechanical Package Outline
Figure 6-1. 144-Pin LQFP (Low-Profile Quad Flat Pack)
108
109
144
22.00 +0.25 TYP
73
PIN #1
IDENT
1
0.50 TYP
0.17-0.27 TYP
NOTE 3
72
37
36
SEE DETAIL A
1.40 +0.05
20.0 +0.1
NOTE 2
0.09-0.20 TYP
DIMENSIONS ARE IN MILLIMETERS
NOTES: UNLESS OTHERWISE SPECIFIED
1. STANDARD LEAD FINISH
7.62 MICROMETERS MINIMUM SOLDER PLATING (85/15)
THICKNESS ON ALLOY 42 / COPPER
2. DIMENSION DOES NOT INCLUDE MOLD PROTRUSION
MAXIMUM ALLOWABLE MODE PROTRUSION 0.25mm PER SIDE.
3. DIMESION DOES NOT INCLUDE MOLD PROTRUSION
ALLOWABLE BAMBAR PROTRUSION SHALL BE 0.08
4. REFERENCE JEDEC REGISTRATION MO-136, VARIATION BT,
DATED SEP/93
DETAIL A
TYP, SCALE: 25%
0.08
0.05-0.15
1.6 MAX
0.20 MIN
(1.0)
0.60 +0.15
0O-7O
SEATING PLANE
0O MIN
R0.08-0.20
11O-13O TOP & BOTTOM
R0.08 MIN
0.25
GAGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com