Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) CS9210 Datasheet HTML 17Page - National Semiconductor (TI) CS9210 Datasheet HTML 18Page - National Semiconductor (TI) CS9210 Datasheet HTML 19Page - National Semiconductor (TI) CS9210 Datasheet HTML 20Page - National Semiconductor (TI) CS9210 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Revision 3.2
17
www.national.com
Functional Description (Continued)
The read and write protocols for the serial interface are
described in Table 3-5 and illustrated in Figures 3-3 and 3-
4. The protocol begins with the assertion of the SCS
input, followed by one start bit and three command bits.
Only two commands are defined, one for read and one for
write. The read protocol continues with one idle bit and
eightbits ofreaddataonSDO.The writeprotocolcontin-
ues with eight bits of write data on SDIN and one idle bit.
The deassertion of the SCS input for one SCLK cycle is
required to end the transaction.
Note that data driven into the CS9210 is shown changing
on the falling edge of SCLK. In general, this is a good
practice to avoid hold time problems that might occur if the
data were changing near the rising edge of SCLK. The
CS9210 samples the serial interface input signals with the
rising edge of SCLK. Data driven on the SDO output by
the CS9210 changes on the rising edge of SCLK.
Figure 3-3. Serial Interface Read Cycle Timing Diagram
Figure 3-4. Serial Interface Write Cycle Timing Diagram
Table 3-5. Serial Interface Read/Write Sequences
Cycle(s)
Read Sequence with SCS = “1”
Write Sequence with SCS = “1”
1
1 Start bit
SDIN = “1”
1 Start bit
SDIN = “1”
3
3 Command bits
SDIN = “000”
3 Command bits
SDIN = “001”
8
8 Address bits
ex: SDIN = "01110100"
8 Address bits
ex: SDIN = "01101001"
1
1 Idle bit
SDIN = “0”
1 Idle bit
SDIN = “0”
8
8 Read data bits
ex: SDO = "10011010"
8 Write data bits
ex: SDIN = "10010011"
SCLK
SCS
SDO
SDIN
0
0
0
Address[7], [6],... [0]
Data[7], [6],... [0]
Hi-Z Tri-state
1
SCLK
SCS
SDO
SDIN
0
0
1
Address[7], [6],... [0]
Data[7], [6],... [0]
Hi-Z Tri-state
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com