Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 7Page - National Semiconductor (TI) CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Revision 3.2
11
www.national.com
Signal Definitions (Continued)
LCASB#
61
O
(4 mA)
DRAM Bank B Low Byte Column Address Strobe
The column address strobe for the lower eight bits of data for Bank B
of the DRAM.
WEA#
58
O
(4 mA)
DRAM Bank A Write Enable
The write enable signal for Bank A of the DRAM.
WEB#
59
O
(4 mA)
DRAM Bank B Write Enable
The write enable signal for Bank B of the DRAM.
2.2.4
Memory Interface Signals (Continued)
Signal Name
Pin No.
Type
(Drive)
Description
2.2.5
Reset and Internal Test Pins
Signal Name
Pin No.
Type
(Drive)
Description
RESET#
132
I
Reset
This pin is the system reset input.
TEST
124
I
Reserved
This pin must be tied to ground. It is a National Semiconductor internal
test mode pin only.
2.2.6
Power and Ground Pins
Signal Name
Pin No.
Type
(Drive)
Description
VDD
1, 17, 36,
37, 55,
72, 73,
91, 108,
125, 144
PWR
Power Connection (total of 11 pins)
Power for the DRAM and system interface signals. These should be
supplied with 3.3V.
VSS
2, 18, 19,
38, 54,
71, 89,
90, 109,
126, 128
GND
Ground Connection (total of 11 pins)
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com