Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS9210 Datasheet HTML 1Page - National Semiconductor (TI) CS9210 Datasheet HTML 2Page - National Semiconductor (TI) CS9210 Datasheet HTML 3Page - National Semiconductor (TI) CS9210 Datasheet HTML 4Page - National Semiconductor (TI) CS9210 Datasheet HTML 5Page - National Semiconductor (TI) CS9210 Datasheet HTML 6Page - National Semiconductor (TI) CS9210 Datasheet HTML 7Page - National Semiconductor (TI) CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
© 2000 National Semiconductor Corporation
www.national.com
April 2000
Geode™ CS9210 Graphics Companion
DSTN Controller
General Description
The CS9210 graphics companion is suitable for systems
that use either the GXLV or GXm processor along with the
CS5530 I/O companion; all members of the National
Semiconductor®
Geode™
family
of
products.
The
CS9210 converts the digital RGB output stream to the dig-
ital graphics input stream required by most industry stan-
dard DSTN color flat panel LCDs. It can drive all standard
DSTN flat panels up to a 1024x768 resolution. The sys-
tem connection example shows how the CS9210 inter-
faces with the rest of the system components.
Features
 18-bit color support for digital pixel input
 65 MHz pixel clock operation supports up to 1024x768
panels
 Simultaneous CRT and DSTN display with up to 75 Hz
refresh rate
 2X display refresh modes, up to 120 Hz
 Supports most SVGA DSTN panels and the VESA
FPDI (Flat Panel Display Interface) Revision 1.0
Specification
 TFT panel support provided by use of one connector;
allows a pass-through mode for the digital pixel input
 Programmable frame rate modulation (FRM), up to 32
levels
 Programmable dither, up to 16 levels
 Supports EDO memory, 16-bit interface
 Configuration via a serial programming interface
 Low-power, 3.3V operation
 144-pin LQFP (Low-profile Quad Flat Pack)
Geode™ CS9210 System Connection Example
DRAM Data
Addr Control
13
16
LCD Power
3
Control
Clocks
3
16
Panel Data
DSTN
Pixel Port
24
Pixel Data
LCD
18
Geode™
GXm
Geode™
Geode™
CS9210
Graphics
CS5530
DRAM-B
256Kx16 bit
or
GXLV
Processor
DRAM-A
256Kx16 bit
Addr Control
13
DRAM Data
16
4
Serial
Configuration
I/O
Companion
Companion
Video Port (YUV)
National Semiconductor is a registered trademark of National Semiconductor Corporation.
Geode is a trademark of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS9210

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9211 NSC-CS9211 Datasheet
1Mb / 62P
Geode CS9211 Graphics Companion Flat Panel Display Controller
CS9211-VNG NSC-CS9211-VNG Datasheet
1Mb / 62P
Geode CS9211 Graphics Companion Flat Panel Display Controller
More results

Similar Description - CS9210

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
VIDEO GRAPHICS CONTROLLER
logo
National Semiconductor ...
CS9211 NSC-CS9211 Datasheet
1Mb / 62P
Geode CS9211 Graphics Companion Flat Panel Display Controller
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
fujitsu semiconductor
MB86291A FUJITSU-MB86291A Datasheet
243Kb / 25P
Graphics Display Controller
logo
List of Unclassifed Man...
SED1351 ETC1-SED1351 Datasheet
87Kb / 18P
GRAPHICS LCD CONTROLLER
logo
National Semiconductor ...
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
Geode??CS5535 I/O Companion Multi-Function South Bridge
logo
fujitsu semiconductor
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
Graphics Display Controller
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com