Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 2Page - National Semiconductor (TI) CS9210 Datasheet HTML 3Page - National Semiconductor (TI) CS9210 Datasheet HTML 4Page - National Semiconductor (TI) CS9210 Datasheet HTML 5Page - National Semiconductor (TI) CS9210 Datasheet HTML 6Page - National Semiconductor (TI) CS9210 Datasheet HTML 7Page - National Semiconductor (TI) CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.national.com
6
Revision 3.2
Signal Definitions (Continued)
Table 2-2. Pin Assignments - Sorted by Pin Number
Pin
No. Signal Name Type
Drive
(mA)
1VDD
PWR
--
2 VSS
GND
--
3 FP_HSYNC
I
--
4GREEN1
I
--
5GREEN2
I
--
6GREEN3
I
--
7GREEN4
I
--
8GREEN5
I
--
9RED0
I
--
10 RED1
I
--
11 RED2
I
--
12 RED3
I
--
13 RED4
I
--
14 RED5
I
--
15 SCLK
I
--
16 SDIN
I
--
17 VDD
PWR
--
18 VSS
GND
--
19 VSS
GND
--
20 DOTCLK
I
--
21 SCS
I
--
22 SDO
O
6
23 MA_A9
O
4
24 MA_A8
O
4
25 MA_A7
O
4
26 MA_A6
O
4
27 MA_A5
O
4
28 MA_A4
O
4
29 MA_A3
O
4
30 MA_A2
O
4
31 MA_A1
O
4
32 MA_A0
O
4
33 MD_A15
I/O
4
34 MD_A14
I/O
4
35 MD_A13
I/O
4
36 VDD
PWR
--
37 VDD
PWR
--
38 VSS
GND
--
39 MD_A12
I/O
4
40 MD_A11
I/O
4
41 MD_A10
I/O
4
42 MD_A9
I/O
4
43 MD_A8
I/O
4
44 MD_A7
I/O
4
45 MD_A6
I/O
4
46 MD_A5
I/O
4
47 MD_A4
I/O
4
48 MD_A3
I/O
4
49 MD_A2
I/O
4
50 MD_A1
I/O
4
51 MD_A0
I/O
4
52 UCASA#
O
4
53 OEA#
O
4
54 VSS
GND
--
55 VDD
PWR
--
56 LCASA#
O
4
57 RASA#
O
4
58 WEA#
O
4
59 WEB#
O
4
60 RASB#
O
4
61 LCASB#
O
4
62 UCASB#
O
4
63 OEB#
O
4
64 MD_B0
I/O
4
65 MD_B1
I/O
4
66 MD_B2
I/O
4
67 MD_B3
I/O
4
68 MD_B4
I/O
4
69 MD_B5
I/O
4
70 MD_B6
I/O
4
71 VSS
GND
--
72 VDD
PWR
--
Pin
No. Signal Name Type
Drive
(mA)
73 VDD
PWR
--
74 MD_B7
I/O
4
75 MD_B8
I/O
4
76 MD_B9
I/O
4
77 MD_B10
I/O
4
78 MD_B11
I/O
4
79 MD_B12
I/O
4
80 MD_B13
I/O
4
81 MD_B14
I/O
4
82 MD_B15
I/O
4
83 MA_B0
O
4
84 MA_B1
O
4
85 MA_B2
O
4
86 MA_B3
O
4
87 MA_B4
O
4
88 MA_B5
O
4
89 VSS
GND
--
90 VSS
GND
--
91 VDD
PWR
--
92 MA_B6
O
4
93 MA_B7
O
4
94 MA_B8
O
4
95 MA_B9
O
4
96 LD0
O
12
97 LD1
O
12
98 LD2
O
12
99 LD3
O
12
100 LD4
O
12
101 LD5
O
12
102 LD6
O
12
103 LD7
O
12
104 LD8
O
12
105 LD9
O
12
106 LD10
O
12
107 LD11
O
12
108 VDD
PWR
--
Pin
No. Signal Name Type
Drive
(mA)
109 VSS
GND
--
110 SHFCLK
O
12
111 UD0
O
12
112 UD1
O
12
113 UD2
O
12
114 UD3
O
12
115 UD4
O
12
116 UD5
O
12
117 UD6
O
12
118 UD7
O
12
119 UD8
O
12
120 UD9
O
12
121 UD10
O
12
122 UD11
O
12
123 FLM
O
12
124 TEST
I
--
125 VDD
PWR
--
126 VSS
GND
--
127 LP
O
12
128 VSS
GND
--
129 FP_VCONEN
O
12
130 FP_VDDEN
O
12
131 DISPOFF#
O
12
132 RESET#
I
--
133 ENA_LCDIN
I
--
134 ENA_VDDIN
I
--
135 ENA_DISP
I
--
136 BLUE0
I
--
137 BLUE1
I
--
138 BLUE2
I
--
139 BLUE3
I
--
140 BLUE4
I
--
141 BLUE5
I
--
142 GREEN0
I
--
143 FP_VSYNC
I
--
144 VDD
PWR
--
Pin
No. Signal Name Type
Drive
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com