Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 20Page - National Semiconductor (TI) CS9210 Datasheet HTML 21Page - National Semiconductor (TI) CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) CS9210 Datasheet HTML 27Page - National Semiconductor (TI) CS9210 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
www.national.com
24
Revision 3.2
4.0
Register Descriptions
This section describes the registers of the Geode CS9210
graphics companion. The internal register map is shown
in Table 4-1, followed by descriptions of the individual reg-
isters and their bit formats. All registers are accessed
through the serial interface, one byte at a time.
Note:
All reserved bits must be written to 0 unless oth-
erwise specified.
Table 4-1. Register Map
Index
Access
Name
Reset
Value
Table No.
Reference
Page No.
Reference
00h
RO
Device Identification Register
EAh
Table 4-2
Page 25
01h
RO
Device Revision Register
CDh
Page 25
02h
R/W
Control Register
00h
Page 25
03h
R/W
FRM Memory Block Select Register
00h
Page 25
04h-05h
R/W
Screen Width Register
0020h
Page 25
06h-07h
R/W
Screen Height Register
0004h
Page 25
08h-09h
R/W
Number of LP/Valid Line Start Register
0004h
Page 26
0Ah-0Bh
R/W
LP Adjust Register
0001h
Page 26
0Ch-0Dh
R/W
LP Start Register
005Ah
Page 26
0Eh-0Fh
R/W
LP End Register
0075h
Page 26
10h-11h
R/W
FLM Start Register
0020h
Page 26
12h-13h
R/W
FLM End Register
0010h
Page 26
14h
R/W
Power Up/Down Signal On/Off Delay Register
31h
Table 4-3
Page 28
15h
R/W
Power Up/Down LCD On/Off Delay Register
23h
Page 28
16h
R/W
Power Up/Down Display On/Off Delay Register
12h
Page 28
17h-1Fh
--
Reserved
00h
Page 28
20h-21h
R/W
Red LFSR Seed Register
00AAh
Table 4-4
Page 29
22h-23h
R/W
Green LFSR Seed Register
0032h
Page 29
24h-25h
R/W
Blue LFSR Seed Register
0000h
Page 29
26h-7Fh
--
Reserved
00h
Page 29
80h-9Fh
R/W
Selected Dithering Memory (32 bytes/256 bits)
--
Page 29
A0h-BFh
00h
Reserved
00h
Page 29
C0h-FFh
R/W
Selected FRM Memory Block (64 bytes/512 bits)
--
Page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com