Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 4Page - National Semiconductor (TI) CS9210 Datasheet HTML 5Page - National Semiconductor (TI) CS9210 Datasheet HTML 6Page - National Semiconductor (TI) CS9210 Datasheet HTML 7Page - National Semiconductor (TI) CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.national.com
8
Revision 3.2
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
Pixel Port Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
RED[5:0]
14-9
I
Red Pixel Channel
These six pins are the red component of the pixel port input. The six
most significant bits of the CS5530 pixel port (FP_DATA[17:12] on an
18-bit pixel port) are connected to these pins. RED5 is the MSB (most
significant bit) and RED0 is the LSB (least significant bit).
GREEN[5:0]
8-4,142
I
Green Pixel Channel
These six pins are the green component of the pixel port input. The six
middle bits of the CS5530 pixel port (FP_DATA[11:6] on an 18-bit pixel
port) are connected to these pins. GREEN5 is the MSB and GREEN0
is the LSB.
BLUE[5:0]
141-136
I
Blue Pixel Channel
These six pins are the blue component of the pixel port input. The six
least significant bits of the CS5530 pixel port (FP_DATA[5:0] on an 18-
bit pixel port) are connected to these pins. BLUE5 is the MSB and
BLUE0 is the LSB.
ENA_DISP
135
I
Active Display Enable
This input is asserted when the pixel data stream is presenting valid
display data to the pixel port.
ENA_VDDIN
134
I
Input VDD Enable
When this input is asserted, it indicates that the display controller in
the CS9210 should apply voltage to the LCD panel.
ENA_LCDIN
133
I
Input LCD Enable
When this input is asserted, it indicates that the display controller in
the CS9210 should drive valid control signals to the LCD panel.
DOTCLK
20
I
Dot Clock
This signal is the pixel clock from the video controller. It is used to
clock data in from the pixel port. Additionally, this signal is used as the
input clock for the entire CS9210 device. This clock must be running at
all times after reset for the CS9210 to function correctly.
FP_HSYNC
3
I
Flat Panel Horizontal Sync Input
When the input data stream is in a horizontal blanking period, this
input is asserted. It is a pulse that is used to synchronize display lines
and to indicate when the pixel data stream is not valid due to blanking.
FP_VSYNC
143
I
Flat Panel Vertical Sync Input
When the input data stream is in a vertical blanking period, this input is
asserted. It is a pulse used to synchronize display frames and to indi-
cate when the pixel data stream is not valid due to blanking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com