Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 5Page - National Semiconductor (TI) CS9210 Datasheet HTML 6Page - National Semiconductor (TI) CS9210 Datasheet HTML 7Page - National Semiconductor (TI) CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Revision 3.2
9
www.national.com
Signal Definitions (Continued)
2.2.2
Serial Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
SCLK
15
I
Serial Interface Clock
This input signal is the clock for the serial control interface. The other
serial interface signals (SDIN, SCS, SDO) are synchronous to this sig-
nal.
SDIN
16
I
Serial Data Input
This is the data input line for the serial control interface. Input data is
serialized on this pin, including the command stream for register reads
and writes.
SDO
22
O
(6 mA)
Serial Data Output
This is the data output line for the serial control interface. Output data
is serialized on this pin in response to register read commands.
SCS
21
I
Serial Chip Select
This active high chip select indicates when valid data is being clocked
in or out via the SDIN/SDO pins.
2.2.3
Flat Panel Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
LP
127
O
(12 mA)
Latch Pulse
This is the line pulse or latch pulse for the flat panel data, indicating
the output data is not valid, a display line has ended and another is
about to start.
Depending on the type of panel being interfaced, this signal can also
be referred to as CL1 or LINE.
SHFCLK
110
O
(12 mA)
Panel Clock (Shift Clock)
This is the shift clock or pixel clock for the flat panel data. This signal is
used to clock pixel data into the LCD panel.
Depending on the type of panel being interfaced, this signal can also
be referred to as CL2 or SHIFT.
FLM
123
O
(12 mA)
First Line Marker
This is the frame pulse for the flat panel data indicating the output data
is not valid, and one display frame has ended and another is about to
start.
Depending on the type of panel being interfaced, this signal can also
be referred to as FP or FRAME.
UD[11:0]
122-111
O
(12 mA)
Upper Scan Data
These outputs are the upper panel pixel data bus to the DSTN LCD
panel. Its format is dependent on the display mode configured for the
LCD panel. Refer to Section 3.1 “Mode Selection” on page 12.
LD[11:0]
107-96
O
(12 mA)
Lower Scan Data
These outputs are the lower panel pixel data bus to the DSTN LCD
panel. Its format is dependent on the display mode configured for the
LCD panel. Refer to Section 3.1 “Mode Selection” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com