Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 18Page - National Semiconductor (TI) CS9210 Datasheet HTML 19Page - National Semiconductor (TI) CS9210 Datasheet HTML 20Page - National Semiconductor (TI) CS9210 Datasheet HTML 21Page - National Semiconductor (TI) CS9210 Datasheet HTML 22Page - National Semiconductor (TI) CS9210 Datasheet HTML 23Page - National Semiconductor (TI) CS9210 Datasheet HTML 24Page - National Semiconductor (TI) CS9210 Datasheet HTML 25Page - National Semiconductor (TI) CS9210 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.national.com
22
Revision 3.2
Functional Description (Continued)
3.8.3
Combining FRM and Dithering
The temporal and spatial modulation techniques of FRM
and dithering are combined to reduce each input color
component intensity value down to a single bit without
sacrificing the color resolution of the original 6-bit intensity
value. Each 6-bit color component of the input pixel data
is first dithered and then the dithered value becomes the
input for FRM.
FRM and dithering can be combined in different ways. As
indicated previously, the upper five bits of the input inten-
sity value for each pixel color component selects a differ-
ent FRM sequence. This leaves only the least significant
bit of the intensity value to dither on, using the 1-bit dither-
ing scheme. By reducing the number of most significant
bits of the input intensity value that are used to select the
FRM sequence there will be more least significant bits
remaining to dither on.
For example, in a 4-bit FRM and 2-bit dithering scheme,
only the upper four bits of the input color component
intensity value would be used to select an FRM sequence
from the FRM sequence table, the remaining two bits are
then used in the 2-bit dithering scheme. Although all five
of the upper bits are used to index the FRM sequence
table, the FRM sequence table would be programmed
with duplicate FRM sequences so that the least significant
of the upper five bits has no effect on the resulting FRM
sequence.
Although 3-bit FRM/3-bit dither and 2-bit FRM/4-bit dither
modes are also supported, they are not recommended
because of the loss of spatial resolution with large dither-
ing patterns.
3.8.3.1
Modified FRM and Dithering
The CS9210 supports a mixed color generation mode
where a combination of 4-bit FRM and 2-bit dithering is
used at the extreme upper and lower values of intensity
and 5-bit FRM and 1-bit dithering is used at the middle
values of intensity. In this modified FRM and dithering
mode, when the upper four bits of the intensity value are
all 1’s or all 0’s, the 4-bit FRM and 2-bit dithering mode is
used, otherwise 5-bit FRM and 1-bit dithering is used. In
this mode, the 2-bit dithering patterns are programmed
into the CS9210 dither memories and the 1-bit dithering
patterns are implemented in hardware.
This mode enables better color perception at extreme
high and low intensities by using dithering to achieve vari-
ations in color, rather than frame rate modulation. It also
avoids the flickering effect that frame rate modulation
sometimes introduces at extreme color intensity values.
3.9
PROGRAMMING THE FRM AND DITHER
MEMORIES
The FRM sequence tables and dithering patterns for each
primary color component are stored inside fully-program-
mable memories within the CS9210. There is one FRM
memory and one dither memory for each color compo-
nent, red, green, and blue. These memories are pro-
grammed through the serial interface of the CS9210. The
serial interface writes or reads one byte at a time.
3.9.1
Addressing the FRM Memories
As previously described, the upper five bits of each color
component intensity value are used to select one of 32
different FRM sequences in the FRM sequence table.
Each FRM sequence is 64 bits long, one bit for each
frame in a 64 frame sequence. The address to one of the
FRM memories (red, green, or blue) is then a total of 11
bits, six bits from the frame count and five bits from the
intensity value. This means that for each color component
(red, green, and blue) there is one 2048x1 bit memory for
storing the FRM sequence table.
The bit address for an FRM memory is defined as the
concatenation of the 6-bit frame count and the upper five
bits of the intensity value, as shown below:
The CS9210 serial interface is a byte-addressed interface,
meaning eight bits are written to an FRM memory at a
time. The bit, located at bit address offset 0 (FRM memory
bit Address[2:0] = 0), is the first bit of the byte sent across
the serial interface. The first bit is the one marked
"Data[7]" in Figure 3-4, which describes the serial inter-
face write protocol.
The red, green, and blue FRM memories can be pro-
grammed individually, or all at once. Writing to all three
FRM memories at the same time means that the FRM
sequence table is the same for each of the three color
components. The Control Register (Index 02h) selects
which FRM memory, red, green, or blue, is selected for
read and writing.
The address for the serial interface is eight bits, allowing
256 bytes of direct addressing. Because the red, green,
and blue FRM memories are 256 bytes in size, they are
each divided into four blocks of 64 bytes. At any given
time, only one of the 64 byte blocks of FRM memory is
mapped into the serial interface address range. This is
shown in Table 4-2, Index 03h. The FRM Memory Block
Select Register is used to select which of the four blocks
of the selected FRM memory is being mapped to this
address range.
The 8-bit address presented on the serial interface is
formed by adding the base address of the FRM memory
block address space, Index C0h, to FRM memory bit
Address[8:3]. FRM memory bit Address[8:3] is the byte
offset address into the block and the block is selected by
FRM memory bit Address[10:9].
FRM Memory Bit Address[10:0]
= {FrameCount[5:0], Intensity[5:1]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com