Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9210 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9210
Description  Geode??CS9210 Graphics Companion DSTN Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9210 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS9210 Datasheet HTML 8Page - National Semiconductor (TI) CS9210 Datasheet HTML 9Page - National Semiconductor (TI) CS9210 Datasheet HTML 10Page - National Semiconductor (TI) CS9210 Datasheet HTML 11Page - National Semiconductor (TI) CS9210 Datasheet HTML 12Page - National Semiconductor (TI) CS9210 Datasheet HTML 13Page - National Semiconductor (TI) CS9210 Datasheet HTML 14Page - National Semiconductor (TI) CS9210 Datasheet HTML 15Page - National Semiconductor (TI) CS9210 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
www.national.com
12
Revision 3.2
3.0
Functional Description
The Geode CS9210 graphics companion connects to the
TFT port of the CS5530 I/O companion chip (see Figure
3-1). It formats the graphics refresh data for the DSTN dis-
play and controls the refresh of the DSTN LCD.
The CS9210 must be connected to two 60ns EDO
(Extended Data Out) 256Kx16 DRAMs that store a DSTN-
formatted copy of the frame buffer. Pixel data is received
by the pixel port, formatted by a programmable FRM
(Frame Rate Modulator) and dither block, and then stored
in the CS9210 frame buffer. The formatted pixel data is
subsequently read from the DRAMs and used to refresh
the DSTN panel. The panel can be refreshed at 1X or 2X
the input refresh rate, up to a maximum refresh rate of
120Hz. Usingtwo banks of DRAM, theCS9210controls
each bank independently to allow for maximal use of the
DRAM bandwidth and to minimize the amount of on-chip
buffering.
The FRM/dithering formatting is accomplished via a pair
of mapping RAMs. The first is used for FRM coloring; the
second for dithering. The FRM RAM is a 32x64-bit map,
representing 64 frames of data for 32 color patterns. The
dithering RAM is a 16x4x4-bit map, yielding 16 dithering
levels. The RAM-based FRM/dither approach gives the
OEM the most flexibility to tune the FRM and dithering
algorithms for a specific panel.
The FRM and dither maps are loaded, along with the
remaining control registers, through a simple serial pro-
gramming port that connects to the CS5530 I/O compan-
ionchip asillustratedinFigure3-1.Figure3-2 showsan
alternative connection method.
3.1
MODE SELECTION
The CS9210 can be configured for three modes of opera-
tion. The mode selected depends on the type of panel
being connected to the flat panel interface:
• 16-bit DSTN Mode
- Supports DSTN panels with 640x480 or 800x600
resolutions.
• 24-bit DSTN Mode
- Supports DSTN panels with 1024x768 pixel resolu-
tion.
• TFT Pass-Through Mode
- Allows a common connector to be used for TFT LCD
panels and DSTN LCD panels. The system software
can configure the CS9210 to operate in a Pass-
Through mode that presents the digital pixel (RGB)
input data on the UD/LD output pins to drive a TFT
panel on the common connector. The input data is
registered internally before being presented at the
output pins to better control the timing of the panel
interface signals.
Mode selection is programmed via Index 02h, bits 1 and 0
as shown in Table 3-1. Depending on the mode selected,
the panel data that is presented on the UD/LD buses will
vary.
Figure 3-1. CS5530 and CS9210 Signal Connections
GPIOx
GPIOx
GPIOx
GPIOx
FP_ENA_VDD
FP_DISP_ENA_OUT
FP_CLK
FP_HSYNC
FP_VSYNC
FP_DATA[5:0]
FP_DATA[11:6]
FP_DATA[17:12]
SCLK
SDIN
SCS
SDO
ENA_LCDIN
ENA_VDDIN
ENA_DISP
DOTCLK
FP_HSYNC
FP_VSYNC
BLUE[5:0]
GREEN[5:0]
RED[5:0]
Geode™
VCC3
Geode™
CS5530 I/O
CS9210
Companion
Graphics
Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com