Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 25Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 27Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
10.0 Functional Description
(Continued)
T2CNTRL: CLEARED
T3CNTRL: CLEARED
HSTCR: CLEARED
ITMR: Cleared except Bit 6 (HSON) = 1
Accumulator, Timer 1, Timer 2 and Timer 3:
RANDOM after RESET
WKEN, WKEDG: CLEARED
WKPND: RANDOM
SP (Stack Pointer):
Initialized to RAM address 06F Hex
B and X Pointers:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
S Register: CLEARED
RAM:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
USART:
PSR, ENU, ENUR, ENUI: Cleared except the TBMT bit
which is set to one.
ANALOG TO DIGITAL CONVERTER:
ENAD: CLEARED
ADRSTH: RANDOM
ADRSTL: RANDOM
ISP CONTROL:
ISPADLO: CLEARED
ISPADHI: CLEARED
PGMTIM: PRESET TO VALUE FOR 10 MHz CKI
WATCHDOG (if enabled):
The device comes out of reset with both the WATCHDOG
logic and the Clock Monitor detector armed, with the
WATCHDOG service window bits set and the Clock Moni-
tor bit set. The WATCHDOG and Clock Monitor circuits
are inhibited during reset. The WATCHDOG service win-
dow bits being initialized high default to the maximum
WATCHDOG service window of 64k T0 clock cycles. The
Clock Monitor bit being initialized high will cause a Clock
Monitor error following reset if the clock has not reached
the minimum specified frequency at the termination of
reset. A Clock Monitor error will cause an active low error
output on pin G1. This error output will continue until
16–32 T0 clock cycles following the clock frequency
reaching the minimum specified value, at which time the
G1 output will go high.
10.7.1 External Reset
The RESET input when pulled low initializes the device. The
RESET pin must be held low for a minimum of one instruc-
tion cycle to guarantee a valid reset. During Power-Up ini-
tialization, the user must ensure that the RESET pin of a
device without the Brownout Reset feature is held low until
the device is within the specified V
CC voltage. Any rising
edge on the RESET pin while V
CC is below the specified
operating range may cause unpredictable results. An R/C
circuit on the RESET pin with a delay 5 times (5x) greater
than the power supply rise time is recommended. Reset
should also be wide enough to ensure crystal start-up upon
Power-Up.
RESET may also be used to cause an exit from the HALT
mode.
A recommended reset circuit for this device is shown in
Figure 9.
10.7.2 On-Chip Brownout Reset
When enabled, the device generates an internal reset as
V
CC rises. While VCC is less than the specified brownout
voltage (V
bor), the device is held in the reset condition and
the Idle Timer is preset with 00Fx (240–256 t
C). When VCC
reaches a value greater than V
bor, the Idle Timer starts
counting down. Upon underflow of the Idle Timer, the internal
reset is released and the device will start executing instruc-
tions. This internal reset will perform the same functions as
external reset. Once V
CC is above the Vbor and this initial Idle
Timer time-out takes place, instruction execution begins and
the Idle Timer can be used normally. If, however, V
CC drops
below the selected V
bor, an internal reset is generated, and
the Idle Timer is preset with 00Fx. The device now waits until
V
CC is greater than Vbor and the countdown starts over.
When enabled, the functional operation of the device, at
frequency, is guaranteed down to the V
bor level.
10137412
FIGURE 9. Reset Circuit Using External Reset
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com