Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 46Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 47Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 48Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 49Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 50Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 51Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 52Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 53Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
14.0 USART (Continued)
many ways to calculate the two divisor factors, but one
particularly effective method would be to achieve a 1.8432
MHz frequency coming out of the first stage. The 1.8432
MHz prescaler output is then used to drive the software
programmable baud rate counter to create a 16x clock for
the following baud rates: 110, 134.5, 150, 300, 600, 1200,
1800, 2400, 3600, 4800, 7200, 9600, 19200 and 38400
(Table 17). Other baud rates may be created by using ap-
propriate divisors. The 16x clock is then divided by 16 to
provide the rate for the serial shift registers of the transmitter
and receiver.
TABLE 17. Baud Rate Divisors
(1.8432 MHz Prescaler Output)
Baud Rate
Baud Rate
Divisor − 1 (N-1)
110 (110.03)
1046
134.5 (134.58)
855
150
767
300
383
600
191
1200
95
1800
63
2400
47
3600
31
4800
23
7200
15
9600
11
19200
5
38400
2
Note: The entries in Table 17 assume a prescaler output of 1.8432 MHz. In
asynchronous mode the baud rate could be as high as 1250k.
TABLE 18. Prescaler Factors
Prescaler
Prescaler
Select
Factor
00000
NO CLOCK
00001
1
00010
1.5
00011
2
00100
2.5
00101
3
00110
3.5
00111
4
Prescaler
Prescaler
Select
Factor
01000
4.5
01001
5
01010
5.5
01011
6
01100
6.5
01101
7
01110
7.5
01111
8
10000
8.5
10001
9
10010
9.5
10011
10
10100
10.5
10101
11
10110
11.5
10111
12
11000
12.5
11001
13
11010
13.5
11011
14
11100
14.5
11101
15
11110
15.5
11111
16
As an example, considering Asynchronous Mode and a crys-
tal frequency of 4.608 MHz, the prescaler factor selected is:
(4.608 x 2)/1.8432 = 5
The 5 entry is available in Table 18. The 1.8432 MHz pres-
caler output is then used with proper Baud Rate Divisor
(Table 17) to obtain different baud rates. For a baud rate of
19200 e.g., the entry in Table 17 is 5.
N−1=5(N−1isthe value from Table 17)
N=6(Nisthe Baud Rate Divisor)
Baud Rate = 1.8432 MHz/(16 x 6) = 19200
The divide by 16 is performed because in the asynchronous
mode, the input frequency to the USART is 16 times the
baud rate. The equation to calculate baud rates is given
below.
The actual Baud Rate may be found from:
BR=(F
C x 2)/(16xNxP)
Where:
BR is the Baud Rate
F
C is the crystal frequency
N is the Baud Rate Divisor (Table 17)
P is the Prescaler Divide Factor selected by the value in the
Prescaler Select Register (Table 18)
Note: In the Synchronous Mode, the divisor 16 is replaced
by two.
Example:
Asynchronous Mode:
Crystal Frequency=5MHz
Desired baud rate = 19200
10137427
FIGURE 24. USART BAUD Clock Generation
www.national.com
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com