Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 11Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 12Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 13Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 14Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 15Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 16Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 17Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 18Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
8.0 Electrical Characteristics (Continued)
A/D Converter Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C unless
otherwise noted) (Single-ended mode only) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Conversion Time (including S/H Time)
15
A/D
Conversion
Clock
Cycles
Operating Current on AV
CC
AV
CC = 5.5V
0.2
0.6
mA
Note 9: Resistance between the device input and the internal sample and hold capacitance.
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +125˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
14.5
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
7
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
14.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
7
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
65
110
µA
HALT Current with BOR Disabled (Note 4)
High Speed Mode
V
CC = 5.5V, CKI=0MHz
<440
µA
Dual Clock Mode
V
CC = 5.5V, CKI = 0 MHz, Low
Speed OSC = 32 kHz
<950
µA
Low Speed Mode
V
CC = 5.5V, CKI = 0 MHz, Low
Speed OSC = 32 kHz
<950
µA
Idle Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
2.7
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
2.7
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
30
70
µA
Supply Current for BOR Feature
V
CC = 5.5V
45
µA
High Brownout Trip Level (BOR Enabled)
4.17
4.28
4.5
V
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI
Crystal/Resonator Oscillator
0.3
1.0
2.5
M
Ω
Hi-Z Input Leakage
V
CC = 5.5V
−3
+3
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
Port Input Hysteresis
0.25 V
CC
V
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com