Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 30Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 31Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 32Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 33Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 34Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 35Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 36Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 37Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
11.0 In-System Programming (Continued)
TABLE 12. Register and Bit Name Definitions
Register
Name
Purpose
RAM
Location
ISPADHI
High byte of Flash Memory Address
0xA9
ISPADLO
Low byte of Flash Memory Address
0xA8
ISPWR
The user must store the byte to be written into this register before jumping into the
write byte routine.
0xAB
ISPRD
Data will be returned to this register after the read byte routine execution.
0xAA
ISPKEY
The ISPKEY Register is required to validate the JSRB instruction and must be loaded
within 6 instruction cycles before the JSRB.
0xE2
BYTECOUNTLO
Holds the count of the number of bytes to be read or written in block operations.
0xF1
PGMTIM
Write Timing Register. This register must be loaded, by the user, with the proper value
before execution of any USER ISP Write or Erase operation. Refer to Table 8 for the
correct value.
0xE1
Confirmation Code
The user must place this code in the accumulator before execution of a Flash Memory
Mass Erase command.
A
KEY
Must be transferred to the ISPKEY register before execution of a JSRB instruction.
0x98
11.9 RESTRICTIONS ON SOFTWARE WHEN CALLING
ISP ROUTINES IN BOOT ROM
1.
The hardware will disable interrupts from occurring. The
hardware will leave the GIE bit in its current state, and if
set, the hardware interrupts will occur when execution is
returned to Flash Memory. Subsequent interrupts, dur-
ing ISP operation, from the same interrupt source will be
lost. Interrupts may occur between setting the KEY
and executing the JSRB instruction. In this case, the
KEY will expire before the JSRB is executed. It is,
therefore, recommended that the software globally
disable interrupts before setting the Key.
2.
The security feature in the MICROWIRE/PLUS ISP is
guaranteed by software and not hardware. When ex-
ecuting the MICROWIRE/PLUS ISP routine, the security
bit is checked prior to performing all instructions. Only
the mass erase command, write PGMTIM register, and
reading the Option register is permitted within the
MICROWIRE/PLUS ISP routine. When the user is per-
forming his own ISP, all commands are permitted. The
entry points from the user’s ISP code do not check for
security. It is the burden of the user to guarantee his own
security. See the Security bit description in 10.5 OPTION
REGISTER for more details on security.
3.
When using any of the ISP functions in Boot ROM, the
ISP routines will service the WATCHDOG within the
selected upper window. Upon return to flash memory,
the WATCHDOG is serviced, the lower window is en-
abled, and the user can service the WATCHDOG any-
time following exit from Boot ROM, but must service it
within the selected upper window to avoid a WATCH-
DOG error.
4.
Block Writes can start anywhere in the page of Flash
memory, but cannot cross half page or full page bound-
aries.
5.
The user must ensure that a page erase or a mass
erase is executed between two consecutive writes to
the same location in Flash memory. Two writes to
the same location without an intervening erase will
produce unpredicatable results including possible
disturbance of unassociated locations.
11.10 FLASH MEMORY DURABILITY CONSIDERATIONS
The endurance of the Flash Memory (number of possible
Erase/Write cycles) is a function of the erase time and the
lowest temperature at which the erasure occurs. If the device
is to be used at low temperature, additional erase operations
can be used to extend the erase time. The user can deter-
mine how many times to erase a page based on what
endurance is desired for the application (e.g. four page
erase cycles, each time a page erase is done, may be
required to achieve the typical 100k Erase/Write cycles in an
application which may be operating down to 0˚C). Also, the
customer can verify that the entire page is erased, with
software, and request additional erase operations if desired.
TABLE 13. Typical Flash Memory Endurance
Low End of Operating Temp Range
Erase
Time
−40˚C
−20˚C
0˚C
25˚C
>25˚C
1 ms
60k
60k
60k
100k
100k
2 ms
60k
60k
60k
100k
100k
3 ms
60k
60k
60k
100k
100k
4 ms
60k
60k
100k
100k
100k
5 ms
70k
70k
100k
100k
100k
6 ms
80k
80k
100k
100k
100k
7 ms
90k
90k
100k
100k
100k
8 ms
100k
100k
100k
100k
100k
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com