Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 57Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 58Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 59Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
16.0 Interrupts (Continued)
STPND flag will have the wrong state. This will allow
maskable interrupts to be acknowledged during the servicing
of the first Software Trap. To avoid problems such as this, the
user program should contain the Software Trap routine to
perform a recovery procedure rather than a return to normal
execution.
Under normal conditions, the STPND flag is reset by a
RPND instruction in the Software Trap service routine. If a
programming error or hardware condition (brownout, power
supply glitch, etc.) sets the STPND flag without providing a
way for it to be cleared, all other interrupts will be locked out.
To alleviate this condition, the user can use extra RPND
instructions in the main program and in the Watchdog ser-
vice routine (if present). There is no harm in executing extra
RPND instructions in these parts of the program.
16.4.2.1 Programming Example: External Interrupt
PSW
=00EF
CNTRL
=00EE
RBIT
0,PORTGC
RBIT
0,PORTGD
; G0 pin configured Hi-Z
SBIT
IEDG, CNTRL
; Ext interrupt polarity; falling edge
SBIT
GIE, PSW
; Set the GIE bit
SBIT
EXEN, PSW
; Enable the external interrupt
WAIT:
JP
WAIT
; Wait for external interrupt
.
.
.
.=0FF
; The interrupt causes a
VIS
; branch to address 0FF
; The VIS causes a branch to
; interrupt vector table
.
.
.
.=01FA
; Vector table (within 256 byte
.ADDRW SERVICE
; of VIS inst.) containing the ext
10137434
FIGURE 31. VIS Flow Chart
www.national.com
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com