Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 15Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 16Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 17Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 18Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 19Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
9.0 Pin Descriptions (Continued)
Configuration registers should not be used. All E pins have
Schmitt triggers on the inputs. Port E draws no power when
unbonded.
Port F is a 4-bit I/O Port. All F pins have Schmitt triggers on
the inputs.
The 68-pin package has fewer than eight Port F pins, and
contains unbonded, floating pads internally on the chip. The
binary values read from these bits are undetermined. The
application software should mask out these unknown bits
when reading the Port F register, or use only bit-access
program instructions when accessing Port F. The uncon-
nected bits draw power only when they are addressed (i.e.,
in brief spikes).
Port G is an 8-bit port. Pin G0, G2–G5 are bi-directional I/O
ports. Pin G6 is always a general purpose Hi-Z input. All pins
have Schmitt Triggers on their inputs. Pin G1 serves as the
dedicated WATCHDOG output with weak pull-up if the
WATCHDOG feature is selected by the Option register.
The pin is a general purpose I/O if WATCHDOG feature is
not selected. If WATCHDOG feature is selected, bit 1 of the
Port G configuration and data register does not have any
effect on Pin G1 setup. G7 serves as the dedicated output
pin for the CKO clock output.
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin, the associated bits in the data and configu-
ration registers for G6 and G7 are used for special purpose
functions as outlined below. Reading the G6 and G7 data
bits will return zeros.
The device will be placed in the HALT mode by writing a “1”
to bit 7 of the Port G Data Register. Similarly the device will
be placed in the IDLE mode by writing a “1” to bit 6 of the
Port G Data Register.
Writing a “1” to bit 6 of the Port G Configuration Register
enables the MICROWIRE/PLUS to operate with the alter-
nate phase of the SK clock. The G7 configuration bit, if set
high, enables the clock start up delay after HALT when the
R/C clock configuration is used.
Config. Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G7 CKO Oscillator dedicated output
G6 SI (MICROWIRE/PLUS Serial Data Input)
G5 SK (MICROWIRE/PLUS Serial Clock)
G4 SO (MICROWIRE/PLUS Serial Data Output)
G3 T1A (Timer T1 I/O)
G2 T1B (Timer T1 Capture Input)
G1 WDOUT WATCHDOG and/or Clock Monitor if WATCH-
DOG enabled, otherwise it is a general purpose I/O
G0 INTR (External Interrupt Input)
G0 through G3 are also used for In-System Emulation.
Port L is an 8-bit I/O port. All L-pins have Schmitt triggers on
the inputs.
Port L supports the Multi-Input Wake-up feature on all eight
pins. Port L has the following alternate pin functions:
L7 Multi-Input Wake-up or T3B (Timer T3B Input)
L6 Multi-Input Wake-up or T3A (Timer T3A Input/Output)
L5 Multi-Input Wake-up or T2B (Timer T2B Input)
L4 Multi-input Wake-up or T2A (Timer T2A Input/Output)
L3 Multi-Input Wake-up and/or RDX (USART Receive)
L2 Multi-Input Wake-up or TDX (USART Transmit)
L1 Multi-Input Wake-up and/or CKX (USART Clock) (Low
Speed Oscillator Output)
L0 Multi-Input Wake-up (Low Speed Oscillator Input)
Port D is an 8-bit output port that is preset high when RESET
goes low. The user can tie two or more D port outputs
(except D2) together in order to get a higher drive.
Note: Care must be exercised with the D2 pin operation. At
RESET, the external loads on this pin must ensure that the
output voltages stay above 0.7 V
CC to prevent the chip from
entering special modes. Also keep the external loading on
D2 to less than 1000 pF.
10137406
FIGURE 3. I/O Port Configurations
10137407
FIGURE 4. I/O Port Configurations — Output Mode
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com