Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 76Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 77Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 78Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 79Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 80Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 81Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 82Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 83Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 84Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
21.0 Development Support (Continued)
Vendor
Home Office
Electronic Sites
Other Main Offices
KANDA Systems
LTD.
Unit 17 -18
Glanyrafon Enterprise Park,
Aberystwyth, Ceredigion,
SY23 3JQ, UK
Tel: +44 1970 621041
Fax: +44 1970 621040
www.kanda.com
sales@kanda.co
USA:
Tel: 303-456-2060
Fax: 303-456-2404
sales@logicaldevices.net
www.logicaldevices.net
K and K
Development ApS
Kaergaardsvej 42 DK-8355
Solbjerg Denmark
Fax: +45-8692-8500
www.kkd.dk kkd@kkd.dk
National
2900 Semiconductor Dr.
www.national.com/cop8
Europe:
Semiconductor
Santa Clara, CA 95051
support@nsc.com
Tel: 49(0) 180 530 8585
USA
europe.support@nsc.com
Fax: 49(0) 180 530 8586
Tel: 1-800-272-9959
Hong Kong:
Fax: 1-800-737-7018
Distributors Worldwide
SofTec Microsystems Via Roma, 1
33082 Azzano Decimo (PN)
Italy
Tel: +39 0434 640113
Fax: +39 0434 631598
info@softecmicro.com
www.softecmicro.com
support@softecmicro.com
Germany:
Tel.:+49 (0) 8761 63705
France:
Tel: +33 (0) 562 072 954
UK:
Tel: +44 (0) 1970 621033
The following companies have approved COP8 programmers in a variety of configurations. Contact your vendor’s local office
or distributor and request a COP8FLASH update. You can link to their web sites and get the latest listing of approved
programmers at: www.national.com/cop8.
Advantech; BP Microsystems; Data I/O; Dataman; Hi-Lo Systems; KANDA, Lloyd Research; MQP; Needhams; Phyton; SofTec
Microsystems; System General; and Tribal Microsystems.
22.0 Revision History
Date
Section
Summary of Changes
October 2000
Base revision for this history.
April 2001
Throughout
Various typographical errors.
Electrical Specifications
Reduced dynamic supply current specification.
Reduced input leakage current.
Added general statement regarding specification limits.
Added temp range 7 (−40˚C to +125˚C)
In-System Programming
Clarified use of high voltage on G6 pin to force execution from Boot ROM.
May 2001
Added LLP and TSSOP Packages
Sept., 2001
Development Support
Updated with the latest support information.
January 2002
Forced Execution from
Boot ROM
Added Figure.
April 2002
Pin Descriptions
Caution on GND connection on LLP package.
Timers
Clarification on high speed PWM Timer use.
Development Support
Updated with the latest support information.
August 2003
Pin Descriptions
Clarification of the functions of L4 and L6 for T2 and T3 PWM Output.
Reset
Addition of caution regarding rising edge on RESET with low V
CC.
Power Saving Features
Description of modified function of ITMR Register.
A/D Converter
Specifications
Updated specifications to reflect final product and test specifications.
Development Support
Updated with the latest support information.
Released as final.
www.national.com
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com