Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 67Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 68Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 69Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
18.0 MICROWIRE/PLUS (Continued)
19.0 Memory Map
All RAM, ports and registers (except A and PC) are mapped
into data memory address space.
Address
Contents
S/ADD REG
0000 to 006F
On-Chip RAM bytes (112 bytes)
0070 to 007F
Unused RAM Address Space (Reads As
All Ones)
xx80 to xx90
Unused RAM Address Space (Reads
Undefined Data)
xx90
Port E Data Register
xx91
Port E Configuration Register
xx92
Port E Input Pins (Read Only)
xx93
Reserved for Port E
xx94
Port F Data Register
xx95
Port F Configuration Register
xx96
Port F Input Pins (Read Only)
xx97
Reserved for Port F
xx98 to xx9F
Reserved
xxA0
Port A Data Register
xxA1
Port A Configuration Register
xxA2
Port A Input Pins (Read Only)
xxA3
Reserved for Port A
xxA4
Port B Data Register
xxA5
Port B Configuration Register
xxA6
Port B Input Pins (Read Only)
Address
Contents
S/ADD REG
xxA7
Reserved for Port B
xxA8
ISP Address Register Low Byte
(ISPADLO)
xxA9
ISP Address Register High Byte
(ISPADHI)
xxAA
ISP Read Data Register (ISPRD)
xxAB
ISP Write Data Register (ISPWR)
xxAC
Reserved
xxAD
Reserved
xxAE
Reserved
xxAF
High Speed Timers Control Register
(HSTCR)
xxB0
Timer T3 Lower Byte
xxB1
Timer T3 Upper Byte
xxB2
Timer T3 Autoload Register T3RA Lower
Byte
xxB3
Timer T3 Autoload Register T3RA Upper
Byte
xxB4
Timer T3 Autoload Register T3RB Lower
Byte
xxB5
Timer T3 Autoload Register T3RB Upper
Byte
xxB6
Timer T3 Control Register
xxB7
Reserved
10137438
FIGURE 35. MICROWIRE/PLUS SPI Mode Interface Timing, Normal SK Mode, SK Idle Phase being High
10137439
FIGURE 36. MICROWIRE/PLUS SPI Mode Interface Timing, Alternate SK Mode, SK Idle Phase being High
www.national.com
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com