Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 38Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 39Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 40Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 41Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 42Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 43Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 44Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 45Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
13.0 Power Saving Features
(Continued)
IDLE mode. The NOP’s are placed either at the beginning of
the IDLE Timer interrupt routine or immediately following the
“enter IDLE mode” instruction.
For more information on the IDLE Timer and its associated
interrupt, see the description in the Timers section.
13.4 DUAL CLOCK MODE OPERATION
This mode of operation allows for high speed operation of
the Core clock and low speed operation of the Idle Timer.
This mode can be entered from either the High Speed mode
or the Low Speed mode.
To enter from the High Speed mode, the following sequence
must be followed:
1.
Software sets the LSON bit to 1.
2.
Software waits until the low speed oscillator has stabi-
lized. See Table 3.
3.
Software sets the DCEN bit to 1.
To enter from the Low Speed mode, the following sequence
must be followed:
1.
Software sets the HSON bit to 1.
2.
Software waits until the high speed oscillator has stabi-
lized. See Table 3, Startup Times.
3.
Software clears the CCKSEL bit to 0.
13.4.1 Dual Clock HALT Mode
The fully static architecture of this device allows the state of
the microcontroller to be frozen. This is accomplished by
stopping the high speed clock of the device during the HALT
mode. The processor can be forced to exit the HALT mode
and resume normal operation at any time. The low speed
clock remains on during HALT in the Dual Clock mode.
During normal operation, the actual power consumption de-
pends heavily on the clock speed and operating voltage
used in an application and is shown in the Electrical Speci-
fications. In the HALT mode, the device only draws a small
leakage current, plus current for the BOR feature (if en-
abled), plus the 32 kHz oscillator current, plus any current
necessary for driving the outputs. Since total power con-
sumption is affected by the amount of current required to
drive the outputs, all I/Os should be configured to draw
minimal current prior to entering the HALT mode, if possible.
13.4.1.1 Entering The Dual Clock Halt Mode
The device enters the HALT mode under software control
when the Port G data register bit 7 is set to 1. All processor
action stops in the middle of the next instruction cycle, and
power consumption is reduced to a very low level. In order to
expedite exit from HALT, the low speed oscillator is left
running when the device is Halted in the Dual Clock mode.
However, the Idle Timer will not be clocked.
13.4.1.2 Exiting The Dual Clock Halt Mode
When the HALT mode is entered by setting bit 7 of the Port
G data register, there is a choice of methods for exiting the
HALT mode: a chip Reset using the RESET pin or a Multi-
Input Wake-up. The Reset method and Multi-Input Wake-up
method can be used with any clock option.
13.4.1.3 HALT Exit Using Reset
A device Reset, which is invoked by a low-level signal on the
RESET input pin, takes the device out of the Dual Clock
mode and puts it into the High Speed mode.
13.4.1.4 HALT Exit Using Multi-Input Wake-up
The device can be brought out of the HALT mode by a
transition received on one of the available Wake-up pins.
The pins used and the types of transitions sensed on the
Multi-input pins are software programmable. For information
on programming and using the Multi-Input Wake-up feature,
refer to 13.6 MULTI-INPUT WAKE-UP.
A start-up delay is required between the device wake-up and
the execution of program instructions. The start-up delay is
mandatory, and is implemented whether or not the CLKDLY
bit is set. This is because all crystal oscillators and resona-
tors require some time to reach a stable frequency and full
operating amplitude.
If the start-up delay is used, the IDLE Timer (Timer T0)
provides a fixed delay from the time the clock is enabled to
the time the program execution begins. Upon exit from the
HALT mode, the IDLE Timer is enabled with a starting value
of 256 and is decremented with each instruction cycle using
the high speed clock. (The instruction clock runs at one-fifth
the frequency of the high speed oscillatory.) An internal
Schmitt trigger connected to the on-chip CKI inverter en-
sures that the IDLE Timer is clocked only when the high
speed oscillator has a large enough amplitude. (The Schmitt
trigger is not part of the oscillator closed loop.) When the
IDLE Timer underflows, the clock signals are enabled on the
chip, allowing program execution to proceed. Thus, the delay
is equal to 256 instruction cycles. After exiting HALT, the Idle
Timer will return to being clocked by the low speed clock.
Note: To ensure accurate operation upon start-up of the
device using Multi-input Wake-up, the instruction in the ap-
plication program used for entering the HALT mode should
be followed by two consecutive NOP (no-operation) instruc-
tions.
13.4.1.5 Options
This device has two options associated with the HALT mode.
The first option enables the HALT mode feature, while the
second option disables HALT mode operation. Selecting the
disable HALT mode option will cause the microcontroller to
ignore any attempts to HALT the device under software
control. See 10.5 OPTION REGISTER for more details on
this option bit.
13.4.2 Dual Clock Idle Mode
In the IDLE mode, program execution stops and power
consumption is reduced to a very low level as with the HALT
mode. However, both oscillators, IDLE Timer (Timer T0), and
Clock Monitor continue to operate, allowing real time to be
maintained. The Idle Timer is clocked by the low speed
clock. The device remains idle for a selected amount of time
up to 1 second, and then automatically exits the IDLE mode
and returns to normal program execution using the high
speed clock.
The device is placed in the IDLE mode under software
control by setting the IDLE bit (bit 6 of the Port G data
register).
The IDLE Timer window is selectable from one of five values,
0.125 seconds, 0.25 seconds, 0.5 seconds, 1 second and
2 seconds. Selection of this value is made through the ITMR
register.
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com