Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CDR9KMT7 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDR9KMT7 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button COP8CDR9KMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 25Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 27Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 28Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 29Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 30Page - National Semiconductor (TI) COP8CDR9KMT7 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
10.0 Functional Description
(Continued)
10.8.2 Clock Doubler
This device contains a frequency doubler that doubles the
frequency of the oscillator selected to operate the main
microcontroller core. The details of how to select either the
high speed oscillator or low speed oscillator are described in,
Power Saving Features. When the high speed oscillator
connected to CKI operates at 10 MHz, the internal clock
frequency is 20 MHz, resulting in an instruction cycle time of
0.5 µs. When the 32 kHz oscillator connected to L0 and L1 is
selected, the internal clock frequency is 64 kHz, resulting in
an instruction cycle of 152.6 µs. The output of the clock
doubler is called MCLK and is referenced in many places
within this document.
10.9 CONTROL REGISTERS
10.9.1 CNTRL Register (Address X'00EE)
T1C3
T1C2
T1C1
T1C0
MSEL
IEDG
SL1
SL0
Bit 7
Bit 0
The Timer1 (T1) and MICROWIRE/PLUS control register
contains the following bits:
T1C3
Timer T1 mode control bit
T1C2
Timer T1 mode control bit
T1C1
Timer T1 mode control bit
T1C0
Timer
T1
Start/Stop
control
in
timer
modes 1 and
2.
T1
Underflow
Interrupt
Pending Flag in timer mode 3
MSEL
Selects G5 and G4 as MICROWIRE/PLUS
signals SK and SO respectively
IEDG
External
interrupt
edge
polarity
select
(0 = Rising edge, 1 = Falling edge)
SL1 & SL0 Select the MICROWIRE/PLUS clock divide
by (00 = 2, 01 = 4, 1x = 8)
10.9.2 PSW Register (Address X'00EF)
HC
C
T1PNDA
T1ENA
EXPND
BUSY
EXEN
GIE
Bit 7
Bit 0
The PSW register contains the following select bits:
HC
Half Carry Flag
C
Carry Flag
T1PNDA Timer T1 Interrupt Pending Flag (Autoreload RA
in mode 1, T1 Underflow in Mode 2, T1A capture
edge in mode 3)
T1ENA
Timer T1 Interrupt Enable for Timer Underflow
or T1A Input capture edge
EXPND
External interrupt pending
BUSY
MICROWIRE/PLUS busy shifting flag
EXEN
Enable external interrupt
GIE
Global interrupt enable (enables interrupts)
The Half-Carry flag is also affected by all the instructions that
affect the Carry flag. The SC (Set Carry) and R/C (Reset
Carry) instructions will respectively set or clear both the carry
flags. In addition to the SC and R/C instructions, ADC,
SUBC, RRC and RLC instructions affect the Carry and Half
Carry flags.
10.9.3 ICNTRL Register (Address X'00E8)
Unused
LPEN
T0PND
T0EN
µWPND
µWEN
T1PNDB
T1ENB
Bit 7
Bit 0
The ICNTRL register contains the following bits:
LPEN
L
Port
Interrupt
Enable
(Multi-Input
Wake-up/Interrupt)
T0PND
Timer T0 Interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
µWPND MICROWIRE/PLUS interrupt pending
µWEN
Enable MICROWIRE/PLUS interrupt
T1PNDB Timer T1 Interrupt Pending Flag for T1B capture
edge
T1ENB
Timer T1 Interrupt Enable for T1B Input capture
edge
10.9.4 T2CNTRL Register (Address X'00C6)
T2C3
T2C2
T2C1
T2C0
T2PNDA
T2ENA
T2PNDB
T2ENB
Bit 7
Bit 0
The T2CNTRL register contains the following bits:
T2C3
Timer T2 mode control bit
T2C2
Timer T2 mode control bit
T2C1
Timer T2 mode control bit
T2C0
Timer
T2
Start/Stop
control
in
timer
modes 1 and 2, Timer T2 Underflow Interrupt
Pending Flag in timer mode 3
T2PNDA Timer T2 Interrupt Pending Flag (Autoreload
RA in mode 1, T2 Underflow in mode 2, T2A
capture edge in mode 3)
T2ENA
Timer T2 Interrupt Enable for Timer Underflow
or T2A Input capture edge
T2PNDB Timer T2 Interrupt Pending Flag for T2B cap-
ture edge
T2ENB
Timer T2 Interrupt Enable for T2B Input capture
edge
10.9.5 T3CNTRL Register (Address X'00B6)
T3C3
T3C2
T3C1
T3C0
T3PNDA
T3ENA
T3PNDB
T3ENB
Bit 7
Bit 0
The T3CNTRL register contains the following bits:
T3C3
Timer T3 mode control bit
T3C2
Timer T3 mode control bit
T3C1
Timer T3 mode control bit
T3C0
Timer
T3
Start/Stop
control
in
timer
modes 1 and 2, Timer T3 Underflow Interrupt
Pending Flag in timer mode 3
T3PNDA Timer T3 Interrupt Pending Flag (Autoreload
RA in mode 1, T3 Underflow in mode 2, T3A
capture edge in mode 3)
T3ENA
Timer T3 Interrupt Enable for Timer Underflow
or T3A Input capture edge
T3PNDB Timer T3 Interrupt Pending Flag for T3B cap-
ture edge
T3ENB
Timer T3 Interrupt Enable for T3B Input capture
edge
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com