Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 21Page - Texas Instruments CC1150-RTR1 Datasheet HTML 22Page - Texas Instruments CC1150-RTR1 Datasheet HTML 23Page - Texas Instruments CC1150-RTR1 Datasheet HTML 24Page - Texas Instruments CC1150-RTR1 Datasheet HTML 25Page - Texas Instruments CC1150-RTR1 Datasheet HTML 26Page - Texas Instruments CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Packet
Engine
FEC
Encoder
Modulator
Interleaver
Write buffer
Interleaver
Read buffer
Demodulator
FEC
Decoder
Packet
Engine
Interleaver
Write buffer
Interleaver
Read buffer
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
5.10.2 Interleaving
Data received through real radio channels will often experience burst errors due to interference and time-
varying signal strengths. In order to increase the robustness to errors spanning multiple bits, interleaving
is used when FEC is enabled. After de-interleaving, a continuous span of errors in the received stream will
become single errors spread apart.
CC1150 employs matrix interleaving, which is illustrated in Figure 5-10. The on-chip interleaving buffer is
a 4 × 4 matrix. In the transmitter, the data bits are written into the rows of the matrix, whereas the bit
sequence to be transmitted is read from the columns of the matrix and fed to the rate ½ convolutional
coder. Conversely, in a CC1101 receiver, the received symbols are written into the rows of the matrix,
whereas the data passed onto the convolutional decoder is read from the columns of the matrix.
When FEC and interleaving is used, at least one extra byte is required for trellis termination. In addition,
the amount of data transmitted over the air must be a multiple of the size of the interleaver buffer (two
bytes). The packet control hardware therefore automatically inserts one or two extra bytes at the end of
the packet, so that the total length of the data to be interleaved is an even number. Note that these extra
bytes are invisible to the user, as they are removed before the received packet enters the RX FIFO in a
CC1101.
When FEC and interleaving is used, the minimum data payload is 2 bytes in fixed and variable packet
length mode.
Figure 5-10. : General Principle of Matrix Interleaving
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
25
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com