Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 51 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 47Page - Texas Instruments CC1150-RTR1 Datasheet HTML 48Page - Texas Instruments CC1150-RTR1 Datasheet HTML 49Page - Texas Instruments CC1150-RTR1 Datasheet HTML 50Page - Texas Instruments CC1150-RTR1 Datasheet HTML 51Page - Texas Instruments CC1150-RTR1 Datasheet HTML 52Page - Texas Instruments CC1150-RTR1 Datasheet HTML 53Page - Texas Instruments CC1150-RTR1 Datasheet HTML 54Page - Texas Instruments CC1150-RTR1 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
1.8 V-3.6 V power supply
1 SCLK
2 SO
(GDO1)
3 DVDD
4 DCOUPL
AVDD 12
RF_N 11
RF_P 10
CSn 9
XTAL
R141
C51
C71
C41
CSn
GDO0
(optional)
SO
(GDO1)
SCLK
SI
CC1150
DIE ATTACH PAD:
Antenna
(50 Ohm)
L102
L103
C102
C103
C105
C111
C101
L101
L111
C104
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
6
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
6.1
Application Information
6.1.1
Typical Application
A simplified block diagram of CC1150 is shown in Figure 5-1.
Only a few external components are required for using the CC1150. The recommended application circuits
are shown in Figure 6-1 and Figure 6-2. The external components are described in Table 6-1, and typical
values are given in Table 6-2.
Figure 6-1. Typical Application and Evaluation Circuit 315/433 MHz
(Excluding Supply Decoupling Capacitors)
Copyright © 2006–2015, Texas Instruments Incorporated
Applications, Implementation, and Layout
51
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com