Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments CC1150-RTR1 Datasheet HTML 12Page - Texas Instruments CC1150-RTR1 Datasheet HTML 13Page - Texas Instruments CC1150-RTR1 Datasheet HTML 14Page - Texas Instruments CC1150-RTR1 Datasheet HTML 15Page - Texas Instruments CC1150-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
Transmit mode
IDLE
Manual freq.
synth. calibration
TX FIFO
underflow
Frequency
synthesizer on
SFSTXON
STX
STX
SFTX
SIDLE
SCAL
IDLE
TXOFF_MODE=00
SRX or STX or SFSTXON
Sleep
SPWD
Crystal
oscillator off
SXOFF
CSn=0
CSn=0
TXOFF_MODE=01
Frequency
synthesizer startup,
optional calibration,
settling
Optional freq.
synth. calibration
Default state when the radio is not
receiving or transmitting. Typ.
current consumption: 1.1 mA.
Lowest power mode.
Register values are lost.
Current consumption typ
200nA.
All register values are
retained. Typ. current
consumption; 0.22 mA.
Used for calibrating frequency
synthesizer upfront (entering
transmit mode can then be
done quicker). Transitional
state. Typ. current
consumption: 7.7 mA.
Frequency synthesizer is turned on, can optionally be
calibrated, and then settles to the correct frequency.
Transitional state. Typ. current consumption: 7.7 mA.
Frequency synthesizer is on,
ready to start transmitting.
Transmission starts very
quickly after receiving the STX
command strobe.Typ. current
consumption: 7.7 mA.
Typ. current consumption 868 MHz:
14 mA at -10 dBm output,
15 mA at 0 dBm output,
24 mA at +7 dBm output,
29 mA at +10 dBm output.
Optional transitional state. Typ.
current consumption: 7.7 mA.
In FIFO-based modes,
transmission is turned off and
this state entered if the TX
FIFO becomes empty in the
middle of a packet. Typ.
current consumption: 1.1 mA.
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Figure 5-2. Simplified State Diagram with Typical Usage and Current Consumption
5.4
Configuration Software
CC1150 can be configured using the SmartRF Studio [11] software. The SmartRF Studio software is
highly recommended for obtaining optimum register settings, and for evaluating performance and
functionality. A screenshot of the SmartRF Studio user interface for CC1150 is shown in Figure 5-3.
After chip reset, all the registers have default values as shown in the tables in Section 5.20. The optimum
register setting might differ from the default value. After a reset all registers that shall be different from the
default value therefore needs to be programmed through the SPI interface.
12
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com