Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 54 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 50Page - Texas Instruments CC1150-RTR1 Datasheet HTML 51Page - Texas Instruments CC1150-RTR1 Datasheet HTML 52Page - Texas Instruments CC1150-RTR1 Datasheet HTML 53Page - Texas Instruments CC1150-RTR1 Datasheet HTML 54Page - Texas Instruments CC1150-RTR1 Datasheet HTML 55Page - Texas Instruments CC1150-RTR1 Datasheet HTML 56Page - Texas Instruments CC1150-RTR1 Datasheet HTML 57Page - Texas Instruments CC1150-RTR1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
XOSC_Q1
XOSC_Q2
XTAL
C51
C71
L
parasitic
51
71
1
C
C
1
1
C
C
=
+
+
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
6.2.3
Crystal
A crystal in the frequency range of 26 to 27 MHz must be connected between the XOSC_Q1 and
XOSC_Q2 pins. The oscillator is designed for parallel mode operation of the crystal. In addition, loading
capacitors (C51 and C71) for the crystal are required. The loading capacitor values depend on the total
load capacitance, CL , specified for the crystal. The total load capacitance seen between the crystal
terminals should equal CL for the crystal to oscillate at the specified frequency.
(10)
The parasitic capacitance is constituted by pin input capacitance and PCB stray capacitance. Total
parasitic capacitance is typically 2.5 pF.
The crystal oscillator circuit is shown in Figure 6-3. Typical component values for different values of CL are
given in Table 6-3.
Figure 6-3. Crystal Oscillator Circuit
The crystal oscillator is amplitude regulated. This means that a high current is used to start up the
oscillations. When the amplitude builds up, the current is reduced to what is necessary to maintain
approximately 0.4 Vpp signal swing. This ensures a fast start up, and keeps the drive level to a minimum.
The ESR of the crystal should be within the specification in order to ensure a reliable start up (see
Section 4.7).
The initial tolerance, temperature drift, aging and load pulling should be carefully specified in order to meet
the required frequency accuracy in a certain application.
Table 6-3. Crystal Oscillator Component Values
COMPONENT
CL= 10 pF
CL= 13 pF
CL= 16 pF
C51
15 pF
22 pF
27 pF
C71
15 pF
22 pF
27 pF
54
Applications, Implementation, and Layout
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com