Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 3 Page - Texas Instruments

  CC1150-RTR1 Datasheet HTML 1Page - Texas Instruments CC1150-RTR1 Datasheet HTML 2Page - Texas Instruments CC1150-RTR1 Datasheet HTML 3Page - Texas Instruments CC1150-RTR1 Datasheet HTML 4Page - Texas Instruments CC1150-RTR1 Datasheet HTML 5Page - Texas Instruments CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Table of Contents
1
Device Overview
......................................... 1
5.7
Data Rate Programming
............................ 18
1.1
Features
.............................................. 1
5.8
Packet Handling Hardware Support
................. 19
1.2
Applications
........................................... 1
5.9
Modulation Formats
................................. 23
1.3
Description
............................................ 1
5.10
Forward Error Correction with Interleaving
.......... 24
1.4
Functional Block Diagram
............................ 2
5.11
Radio Control
........................................ 26
2
Revision History
......................................... 4
5.12
Data FIFO
........................................... 29
3
Terminal Configuration and Functions
.............. 5
5.13
Frequency Programming
........................... 31
3.1
Pin Attributes
......................................... 5
5.14
VCO
................................................. 31
4
Specifications
............................................ 6
5.15
Voltage Regulators
.................................. 32
4.1
Absolute Maximum Ratings
.......................... 6
5.16
Output Power Programming
......................... 32
4.2
ESD Ratings
.......................................... 6
5.17
General Purpose and Test Output Control Pins
.... 33
4.3
Recommended Operating Conditions
................ 6
5.18
Asynchronous and Synchronous Serial Operation
.. 35
4.4
General Characteristics
.............................. 6
5.19
System Considerations and Guidelines
............. 36
4.5
Current Consumption
................................. 7
5.20
Memory
.............................................. 38
4.6
RF Transmit
.......................................... 7
6
Applications, Implementation, and Layout
........ 51
4.7
Crystal Oscillator
..................................... 8
6.1
Application Information
.............................. 51
4.8
Frequency Synthesizer Characteristics
.............. 8
6.2
Design Requirements
............................... 53
4.9
Analog Temperature Sensor
......................... 9
6.3
PCB Layout Recommendations
..................... 55
4.10
DC Characteristics
................................... 9
7
Device and Documentation Support
............... 58
4.11
Power-On Reset
.................................... 10
7.1
Device Support
...................................... 58
4.12
Thermal Resistance Characteristics for VQFNP
7.2
Documentation Support
............................. 58
Package
............................................. 10
7.3
Trademarks
.......................................... 59
5
Detailed Description
................................... 11
7.4
Electrostatic Discharge Caution
..................... 59
5.1
Overview
............................................ 11
7.5
Export Control Notice
............................... 59
5.2
Functional Block Diagram
........................... 11
7.6
Glossary
............................................. 59
5.3
Configuration Overview
............................. 11
8
Mechanical Packaging and Orderable
5.4
Configuration Software
.............................. 12
Information
.............................................. 59
5.5
4-wire Serial Configuration and Data Interface
..... 13
8.1
Packaging Information
.............................. 59
5.6
Microcontroller Interface and Pin Configuration
..... 17
Copyright © 2006–2015, Texas Instruments Incorporated
Table of Contents
3
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com