Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 58 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 54Page - Texas Instruments CC1150-RTR1 Datasheet HTML 55Page - Texas Instruments CC1150-RTR1 Datasheet HTML 56Page - Texas Instruments CC1150-RTR1 Datasheet HTML 57Page - Texas Instruments CC1150-RTR1 Datasheet HTML 58Page - Texas Instruments CC1150-RTR1 Datasheet HTML 59Page - Texas Instruments CC1150-RTR1 Datasheet HTML 60Page - Texas Instruments CC1150-RTR1 Datasheet HTML 61Page - Texas Instruments CC1150-RTR1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
7
Device and Documentation Support
7.1
Device Support
7.1.1
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. Each
device has one of three prefixes: X, P, or null (no prefix) (for example, CC1150 is in production; therefore,
no prefix is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, RGV).
For orderable part numbers of CC1150 devices in the RGV
package types, see the Package Option Addendum of this document, the TI website (www.ti.com), or
contact your TI sales representative.
7.2
Documentation Support
The following documents describe the CC1150 device. Copies of these documents are available on the
Internet at www.ti.com.
1. [1] CC1150EM 315 – 433 MHz Reference Design (SWRR041)
2. [2] CC1150EM 868 – 915 MHz Reference Design (SWRR042)
3. [3] DN012 Programming Output Power on CC1100 and CC1150 (SWRA150)
4. [5] DN006 CC11xx Settings for FCC 15.247 Solutions (SWRA123)
5. [6] DN017 CC11xx 868/915 MHz Matching (SWRA168)
6. [7] AN058 Antenna Selection Guide (SWRA161)
7. [8] CC1150 Errata Notes (SWRZ018)
8. [9] DN501 PATABLE Access (SWRA110)
9. [10] AN001 SRD Regulations for Licence Free Transceiver Operation (SWRA090)
10. [11] (SmartRF Studio)
11. [12] CC1100/CC1150DK and CC2500/CC2550DK Development Kit Examples and Libraries User
Manual (SWRU109)
7.2.1
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
58
Device and Documentation Support
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com