Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments CC1150-RTR1 Datasheet HTML 30Page - Texas Instruments CC1150-RTR1 Datasheet HTML 31Page - Texas Instruments CC1150-RTR1 Datasheet HTML 32Page - Texas Instruments CC1150-RTR1 Datasheet HTML 33Page - Texas Instruments CC1150-RTR1 Datasheet HTML 34Page - Texas Instruments CC1150-RTR1 Datasheet HTML 35Page - Texas Instruments CC1150-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
e.g 6
PA_POWER[2:0]
in FREND0 register
PATABLE(0)[7:0]
PATABLE(1)[7:0]
PATABLE(2)[7:0]
PATABLE(3)[7:0]
PATABLE(4)[7:0]
PATABLE(5)[7:0]
PATABLE(6)[7:0]
PATABLE(7)[7:0]
Index into PATABLE(7:0)
The PA uses this
setting.
Settings 0 to PA_POWER are
used during ramp-up at start of
transmission and ramp-down at
end of transmission, and for
ASK/OOK modulation.
The SmartRF
Studio software
should be used to obtain optimum
PATABLE settings for various
output powers.
TM
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
5.15 Voltage Regulators
CC1150 contains several on-chip linear voltage regulators, which generate the supply voltage needed by
low-voltage modules. These voltage regulators are invisible to the user, and can be viewed as integral
parts of the various modules. The user must however make sure that the absolute maximum ratings and
required pin voltages in Section 4.1 and Table 3-1 are not exceeded.
Setting the CSn pin low turns on the voltage regulator to the digital core and start the crystal oscillator.
The SO pin on the SPI interface must go low before the first positive edge on the SCLK (setup time is s
given in Table 5-1).
If the chip is programmed to enter power-down mode (SPWD strobe issued), the power will be turned off
after CSn goes high. The power and crystal oscillator will be turned on again when CSn goes low.
The voltage regulator for the digital core requires one external decoupling capacitor. The voltage regulator
output should only be used for driving the CC1150.
5.16 Output Power Programming
The RF output power level from the device has two levels of programmability, as illustrated in Figure 5-16.
Firstly, the special PATABLE register can hold up to eight user selected output power settings. Secondly,
the 3-bit FREND0.PA_POWER value selects the PATABLE entry to use. This two-level functionality
provides flexible PA power ramp up and ramp down at the start and end of transmission, as well as ASK
modulation shaping. In each case, all the PA power settings in the PATABLE from index 0 up to the
FREND0.PA_POWER value are used.
The power ramping at the start and at the end of a packet can be turned off by setting
FREND0.PA_POWER to zero and then programming the desired output power to index 0 in the
PATABLE.
If OOK modulation is used, the logic 0 and logic 1 power levels shall be programmed to index 0 and 1
respectively.
Table 5-8 contains recommended PATABLE settings for various output levels and frequency bands.
DN012 [3] gives complete tables for the different frequency bands. Using PA settings from 0x61 to 0x6F is
not recommended. Table 5-9 contains output power and current consumption for default PATABLE setting
(0xC6).
PATABLE must be programmed in burst mode if you want to write to other entries than PATABLE[0]. See
Section 5.5.6 for PATABLE programming details.
Figure 5-16. PA_POWER and PATABLE
32
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com