Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 48 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 44Page - Texas Instruments CC1150-RTR1 Datasheet HTML 45Page - Texas Instruments CC1150-RTR1 Datasheet HTML 46Page - Texas Instruments CC1150-RTR1 Datasheet HTML 47Page - Texas Instruments CC1150-RTR1 Datasheet HTML 48Page - Texas Instruments CC1150-RTR1 Datasheet HTML 49Page - Texas Instruments CC1150-RTR1 Datasheet HTML 50Page - Texas Instruments CC1150-RTR1 Datasheet HTML 51Page - Texas Instruments CC1150-RTR1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Table 5-35. 0x23: FSCAL3 – Frequency Synthesizer Calibration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
FSCAL3[7:6]
R/W
0x02
Frequency synthesizer calibration
configuration. The value to write in this field
before calibration is given by the SmartRF
Studio software.
5:4
CHP_CURR_CAL_EN[1:0]
R/W
0x02
Disable charge pump calibration stage when
0.
3:0
FSCAL3[3:0]
R/W
0x09
Frequency synthesizer calibration result
register. Digital bit vector defining the charge
pump output current, on an exponential scale:
I_OUT = I0·2FSCAL3[3:0]/4.
Fast frequency hopping without calibration for
each hop can be done by calibrating up front
for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register
values. Between each frequency hop,
calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register
values corresponding to the next RF
frequency.
Table 5-36. 0x24: FSCAL2 – Frequency Synthesizer Calibration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
R0
Not Used.
5
VCO_CORE_H_EN
R/W
0x0
Choose high (1)/ low (0) VCO.
5:0
FSCAL2[5:0]
R/W
0x0A
Frequency synthesizer calibration result register. VCO
current calibration result and override value.
Fast frequency hopping without calibration for each
hop can be done by calibrating up front for each
frequency and saving the resulting FSCAL3, FSCAL2
and FSCAL1 register values. Between each frequency
hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values
corresponding to the next RF frequency.
Table 5-37. 0x25: FSCAL1 – Frequency Synthesizer Calibration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
R0
Not Used.
5:0
FSCAL1[5:0]
R/W
0x20
Frequency synthesizer calibration result register. Capacitor
array setting for VCO coarse tuning.
Fast frequency hopping without calibration for each hop
can be done by calibrating up front for each frequency and
saving the resulting FSCAL3, FSCAL2 and FSCAL1
register values. Between each frequency hop, calibration
can be replaced by writing the FSCAL3, FSCAL2 and
FSCAL1 register values corresponding to the next RF
frequency.
Table 5-38. 0x26: FSCAL0 – Frequency Synthesizer Calibration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R0
Not Used.
6:0
FSCAL0[6:0]
R/W
0x0D
Frequency synthesizer calibration control. The
value to use in register field is given by the
SmartRF Studio [11] software.
Table 5-39. 0x29: FSTEST – Frequency Synthesizer Calibration Control
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
FSTEST[7:0]
R/W
0x57
For test only. Do not write to this register.
48
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com