Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 26Page - Texas Instruments CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments CC1150-RTR1 Datasheet HTML 30Page - Texas Instruments CC1150-RTR1 Datasheet HTML 31Page - Texas Instruments CC1150-RTR1 Datasheet HTML 32Page - Texas Instruments CC1150-RTR1 Datasheet HTML 33Page - Texas Instruments CC1150-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
8 bytes
Underflow
margin
FIFO_THR=13
TXFIFO
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Table 5-7. FIFO_THR Settings
and the Corresponding FIFO
Thresholds (continued)
BYTES in TX
FIFO_THR
FIFO
0111
33
1000
29
1001
25
1010
21
1011
17
1100
13
1101
9
1110
5
1111
1
The chip status byte that is available on the SO pin while transferring the SPI address contains the fill
grade of the TX FIFO. Section 5.5.1 contains more details on this.
The number of bytes in the TX FIFO can also be read from the TXBYTES.NUM_TXBYTES status register.
The 4-bit FIFOTHR.FIFO_THR setting is used to program the FIFO threshold point. Table 5-7 lists the 16
FIFO_THR settings and the corresponding thresholds for the TX FIFO.
Figure 5-14. Example of FIFO at Threshold
A flag will assert when the number of bytes in the FIFO is equal to or higher than the programmed
threshold. The flag is used to generate the FIFO status signals that can be viewed on the GDO pins (see
Section 5.17).
Figure 5-15 shows the number of bytes in the TX FIFO when the threshold flag toggles, in the case of
FIFO_THR=13. Figure 5-15 shows the flag as the FIFO is filled above the threshold, and then drained
below.
30
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com