Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 3Page - Texas Instruments CC1150-RTR1 Datasheet HTML 4Page - Texas Instruments CC1150-RTR1 Datasheet HTML 5Page - Texas Instruments CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
4.5
Current Consumption
Tc = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1150EM reference design
(see [1] and [2]).
PARAMETER
TYP
UNIT
CONDITION
200
nA
Voltage regulator to digital part off, register values lost (SLEEP state)
Voltage regulator to digital part on, all other modules in power down
222
µA
(XOFF state)
Only voltage regulator to digital part and crystal oscillator running
1.1
mA
Current consumption
(IDLE state)
Only the frequency synthesizer running (FSTXON state). This
current consumption also representative for the other intermediate
7.7
mA
states when going from IDLE until reaching TX, and frequency
calibration states
25.6
mA
Transmit mode, +10 dBm output power (0xC4)
Current consumption, 315 MHz
14.1
mA
Transmit mode, 0 dBm output power (0x60)
See more in Section 5.16 and DN012 [3].
26.1
mA
Transmit mode, +10 dBm output power (0xC2)
Current consumption, 433 MHz
14.6
Transmit mode, 0 dBm output power (0x60)
See more in Section 5.16 and DN012 [3].
29.3
mA
Transmit mode, +10 dBm output power (0xC3)
Current consumption, 868 MHz
15.5
Transmit mode, 0 dBm output power (0x60)
See more in Section 5.16 and DN012 [3].
29.3
mA
Transmit mode, +10 dBm output power (0xC0)
Current consumption, 915 MHz
15.2
mA
Transmit mode, 0 dBm output power (0x50)
See more in Section 5.16 and DN012 [3].
4.6
RF Transmit
Tc = 25°C, VDD = 3.0 V, if nothing else stated. All measurement results are obtained using the CC1150EM reference design
(see [1] and [2]).
PARAMETER
TYP
MAX
UNIT
CONDITION
315 MHz
122 + j31
Ω
Differential impedance as seen from the RF-
Differential load
433 MHz
116 + j41
Ω
port (RF_P and RF_N) towards the antenna.
impedance
Follow the CC1150EM reference design
86.5 +
868/915 MHz
Ω
(see [1] and [2]).
j43
Output power is programmable, and full
range is available across all frequency
bands. Output power may be restricted by
regulatory limits. See also
DN006 [5].
Delivered to a 50-
Ω single-ended load via
Output power, highest setting
+10
dBm
CC1150 EM reference design (see [1] and
[2]) RF matching network. Maximum output
power can be increased 1 to 2 dB by using
wire-wound inductors instead of multilayer
inductors in the balun and filter circuit for the
868/915 MHz band, see more in DN017 [6].
Output power is programmable, and full
range is available across all frequency
bands.
Output power, lowest setting
–30
dBm
Delivered to a 50
Ω single-ended load via
CC1150 EM reference design (see [1] and
[2]) RF matching network.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com