Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 34 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 30Page - Texas Instruments AMC7836IPAP Datasheet HTML 31Page - Texas Instruments AMC7836IPAP Datasheet HTML 32Page - Texas Instruments AMC7836IPAP Datasheet HTML 33Page - Texas Instruments AMC7836IPAP Datasheet HTML 34Page - Texas Instruments AMC7836IPAP Datasheet HTML 35Page - Texas Instruments AMC7836IPAP Datasheet HTML 36Page - Texas Instruments AMC7836IPAP Datasheet HTML 37Page - Texas Instruments AMC7836IPAP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Temperature
Low Threshold
(lower bound)
±
+
±
+
Temperature
High Threshold
(upper bound)
Temperature
Data
LT-HIGH-ALR Bit
±
+
LT-LOW-ALR Bit
THERM-ALR Bit
150°C
ADCn-Lower-
Threshold Value
(lower bound)
±
+
±
+
ADCn-Upper-
Threshold Value
(upper bound)
ADCn-ALR
Bit
LV_ADCn
Conversion Value
(n = 16 to 20)
34
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3.2.4.1
Unipolar Inputs Out-of-Range Alarms
The AMC7836 device provides out-of-range detection for the five external unipolar ADC inputs (LV_ADC16
through LV_ADC20, pins 35 through 39). Figure 55 shows the out-of-range detection block. When the
measurement is out-of-range, the corresponding alarm bit in the alarm status 0 register (address 0x70) is set to 1
to flag the out-of-range condition. The values in the ADC upper and lower Threshold registers (address 0x80
through 0x93) define the upper and lower bound thresholds for all five inputs.
Figure 55. Unipolar Inputs Out-of-Range Alarms
7.3.2.4.2
Unipolar Inputs Out-of-Range Alarms
The AMC7836 includes high-limit and low-limit detection for the internal temperature sensor. Figure 56 shows the
temperature detection block. The values in the LT upper and lower threshold registers (address 0x94 through
0x97) set the limits for the temperature sensor. The temperature sensor detector can issue either a high-alarm
(LT-HIGH-ALR bit) or a low-alarm (LT-LOW-ALR bit) in the alarm status 1 register (address 0x71) depending on
whether the high or low thresholds were exceeded. To implement single, upper-bound threshold detection for the
temperature sensor, the host processor can set the upper-bound threshold to the desired value and the lower-
bound threshold to the default value. For lower-bound threshold detection, the host processor can set the lower-
bound threshold to the desired value and the upper-bound threshold to the default value.
In addition to the programmable threshold alarms the temperature sensor detection circuit also includes a die
thermal-alarm flag which continuously monitors the die temperature. When the die temperatures exceeds 150
˚C
the die thermal alarm flag (THERM-ALR bit) in the alarm status 1 register (address 0x71) is set. The internal
temperature sensor must be enabled for this alarm to be functional.
Figure 56. Internal Temperature Out-of-Range Alarms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com