Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 72 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 68Page - Texas Instruments AMC7836IPAP Datasheet HTML 69Page - Texas Instruments AMC7836IPAP Datasheet HTML 70Page - Texas Instruments AMC7836IPAP Datasheet HTML 71Page - Texas Instruments AMC7836IPAP Datasheet HTML 72Page - Texas Instruments AMC7836IPAP Datasheet HTML 73Page - Texas Instruments AMC7836IPAP Datasheet HTML 74Page - Texas Instruments AMC7836IPAP Datasheet HTML 75Page - Texas Instruments AMC7836IPAP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
0.1 µF
DVDD
V
+
NC
VO
GND
4
2
5
3
1
LM50
LV_ADC15
72
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Application Information (continued)
8.1.1 Temperature Sensing Applications
The AMC7836 device contains one local temperature and five unipolar analog inputs that are easily configurable
to interface with remote temperature-sensor circuits. The integrated temperature sensor and analog input
registers automatically update with every conversion. Figure 115 shows an example of a remote temperature
sensor connection.
The selected temperature sensor is the LM50 device, a high precision integrated-circuit temperature sensor that
operates in the –40°C to 125°C temperature range using a single positive supply. The full-scale output of the
temperature sensor ranges from 100 mV to 1.75 V for the operational temperature range. In an extremely noisy
environment, additional filtering is recommended. A typical value for the bypass capacitor is 0.1 µF from the V+
pin to GND. A high-quality ceramic type NP0 or X7R is recommended because of optimal performance across
temperature and very low dissipation factor.
Figure 115. Temperature Sensing Application With LM50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com