Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 78 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 74Page - Texas Instruments AMC7836IPAP Datasheet HTML 75Page - Texas Instruments AMC7836IPAP Datasheet HTML 76Page - Texas Instruments AMC7836IPAP Datasheet HTML 77Page - Texas Instruments AMC7836IPAP Datasheet HTML 78Page - Texas Instruments AMC7836IPAP Datasheet HTML 79Page - Texas Instruments AMC7836IPAP Datasheet HTML 80Page - Texas Instruments AMC7836IPAP Datasheet HTML 81Page - Texas Instruments AMC7836IPAP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
78
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.1 Device Reset Options
9.1.1 Power-on-Reset (POR)
The AMC7836 device includes a power-on reset (POR) function. After all supplies have been established, a POR
event is issued. The POR causes all registers to initialize to the default values, and communication with the
device is valid only after a 250 µs power-on reset delay.
The default operation is power-down mode (register 0x02) in which the device is non-operational except for the
communication interface as determined by the power-down registers. Before enabling normal operation, a
hardware reset should be issued.
A power failure on DVDD, AVDD, AVCC or IOVDD has the potential to initiate a power-on-reset event. As long as
DVDD, AVDD, AVCC, and IOVDD remain above the minimum recommended operating conditions a power failure
event will not occur. When any of these supplies drops below the minimum recommended operating condition
the device may or may not imitate a POR. In this case, issuing a hardware reset or proper POR is recommended
to resume proper operation. To ensure a proper POR event, the DVDD supply must fall below 750 mV. If the
DVDD supply falls below 2.7 V a hardware reset or proper POR must be issued.
9.1.2 Hardware Reset
A device hardware reset event is initiated by a minimum 20-ns logic low on the RESET pin. A hardware reset
causes all registers to initialize to the default values and communication with the device is valid only after a 250-
µs reset delay.
9.1.2.1 Software Reset
A software reset event is initiated by setting the SOFT-RESET bit in the interface configuration 0 register (0x00).
A software reset causes all registers, except 0x00 and 0x01, to initialize to the default values and communication
with the device is valid only after a 100-ns delay.
10 Layout
10.1 Layout Guidelines
•
All power supply pins should be bypassed to ground with a low-ESR ceramic bypass capacitor. The typical
recommended bypass capacitor has a value of 10-µF and is ceramic with a X7R or NP0 dielectric.
•
To minimize interaction between the analog and digital return currents, the digital and analog sections should
have separate ground planes that eventually connect at some point.
•
To reduce noise on the internal reference, a 4.7-µF capacitor is recommended between the REF_CMP pin
and ground.
•
A high-quality ceramic type NP0 or X7R capacitor is recommended because of the optimal performance
across temperature very-low dissipation factor of the capacitor.
•
The digital and analog sections should have proper placement with respect to the digital pins and analog pins
of the AMC7836 device (see Figure 121). The separation of analog and digital blocks allows for better design
and practice as it ensures less coupling into neighboring blocks and minimizes the interaction between analog
and digital return currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com