Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 59 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 55Page - Texas Instruments AMC7836IPAP Datasheet HTML 56Page - Texas Instruments AMC7836IPAP Datasheet HTML 57Page - Texas Instruments AMC7836IPAP Datasheet HTML 58Page - Texas Instruments AMC7836IPAP Datasheet HTML 59Page - Texas Instruments AMC7836IPAP Datasheet HTML 60Page - Texas Instruments AMC7836IPAP Datasheet HTML 61Page - Texas Instruments AMC7836IPAP Datasheet HTML 62Page - Texas Instruments AMC7836IPAP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
59
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.6.2 DAC Range 1 Register (address = 0x1F) [reset = 0x00]
Figure 87. DAC Range 1 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
DAC-RANGED[2:0]
Reserved
DAC-RANGEC[2:0]
R/W-0
R/W-All zeros
R/W-0
R/W-All zeros
Table 36. DAC Range 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R/W
0
Reserved for factory use
6-4
DAC-RANGED[2:0]
R/W
All zeros
DAC group D output voltage selection. Overrides output range
set by the auto-range detection circuit. See Table 35 to
configure this setting.
3
Reserved
R/W
0
Reserved for factory use
2
DAC-RANGEC[2:0]
R/W
All zeros
DAC group C output voltage selection. Overrides output range
set by the auto-range detection circuit. See Table 35 to
configure this setting.
7.6.7 ADC and Temperature Data: Address 0x20 through 0x4B
7.6.7.1 ADCn-Data (Low Byte) Register (address = 0x20 through 0x49) [reset = 0x00]
Figure 88. ADCn-Data (Low Byte) Register (R)
7
6
5
4
3
2
1
0
ADCn-DATA(7:0)
R-All zeros
Table 37. ADCn-Data (Low Byte) Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ADCn-DATA(7:0)
R
All zeros
Stores the 12-bit ADC_n conversion results in straight binary
format for both types of inputs channels (unipolar and bipolar)
7.6.7.2 ADCn-Data (High Byte) Register (address = 0x20 through 0x49) [reset = 0x00]
Figure 89. ADCn-Data (High Byte) Register (R)
7
6
5
4
3
2
1
0
Reserved
ADCn-DATA (11:8)
R-All zeros
R-All zeros
Table 38. ADCn-Data (High Byte) Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R
All zeros
Reserved for factory use
3-0
ADCn-DATA (11:8)
R
All zeros
Stores the 12-bit ADC_n conversion results in straight binary
format for both types of inputs channels (unipolar and bipolar).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com