Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 8Page - Texas Instruments AMC7836IPAP Datasheet HTML 9Page - Texas Instruments AMC7836IPAP Datasheet HTML 10Page - Texas Instruments AMC7836IPAP Datasheet HTML 11Page - Texas Instruments AMC7836IPAP Datasheet HTML 12Page - Texas Instruments AMC7836IPAP Datasheet HTML 13Page - Texas Instruments AMC7836IPAP Datasheet HTML 14Page - Texas Instruments AMC7836IPAP Datasheet HTML 15Page - Texas Instruments AMC7836IPAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
12
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Specified by design and characterization. Not tested during production.
(2)
See Figure 1 and Figure 2.
(3)
SDO loaded with 10 pF load capacitance for SDO timing specifications.
(4)
See Figure 2.
(5)
Specified by design; not subject to production testing. See the ADC Sequencing section for more details.
6.8 Timing Requirements
AVDD = DVDD = 4.5 to 5.5 V, AVCC = 12 V, AVEE = –12 V, AGND = DGND = AVSSB = AVSSC = AVSSD = 0 V, DAC output range
= 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
SERIAL INTERFACE(1)
ƒ(SCLK)
SCLK frequency
IOVDD = 1.8 to 2.7 V
15
MHz
IOVDD = 2.7 to 5.5 V
20
tp
SCLK period(2)
IOVDD = 1.8 to 2.7 V
66.67
ns
IOVDD = 2.7 to 5.5 V
50
tPH
SCLK pulse width high(2)
IOVDD = 1.8 to 2.7 V
30
ns
IOVDD = 2.7 to 5.5 V
23
tPL
SCLK pulse width low(2)
IOVDD = 1.8 to 2.7 V
30
ns
IOVDD = 2.7 to 5.5 V
23
tsu
SDI setup(2)
IOVDD = 1.8 to 2.7 V
10
ns
IOVDD = 2.7 to 5.5 V
10
th
SDI hold(2)
IOVDD = 1.8 to 2.7 V
10
ns
IOVDD = 2.7 to 5.5 V
10
t(ODZ)
SDO driven to tri-
state(3)(4)
IOVDD = 1.8 to 2.7 V
0
15
ns
IOVDD = 2.7 to 5.5 V
0
9
t(OZD)
SDO tri-state to
driven(3)(4)
IOVDD = 1.8 to 2.7 V
0
23
ns
IOVDD = 2.7 to 5.5 V
0
15
t(OD)
SDO output delay(3)(4)
IOVDD = 1.8 to 2.7 V
0
23
ns
IOVDD = 2.7 to 5.5 V
0
15
tsu(CS)
CS setup(2)
IOVDD = 1.8 to 2.7 V
5
ns
IOVDD = 2.7 to 5.5 V
5
th(CS)
CS hold(2)
IOVDD = 1.8 to 2.7 V
20
ns
IOVDD = 2.7 to 5.5 V
20
t(IAG)
Inter-access gap(2)
IOVDD = 1.8 to 2.7 V
10
ns
IOVDD = 2.7 to 5.5 V
10
DIGITAL LOGIC
Reset delay; delay-to-normal operation from reset
100
250
µs
Power-down recovery time
70
µs
Clamp shutdown delay
100
µs
Convert pulse width
20
ns
Reset pulse width
20
ns
ADC WAIT state(5); the wait time from when the ADC enters the IDLE state
to when the ADC is ready for trigger
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com