Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 7Page - Texas Instruments AMC7836IPAP Datasheet HTML 8Page - Texas Instruments AMC7836IPAP Datasheet HTML 9Page - Texas Instruments AMC7836IPAP Datasheet HTML 10Page - Texas Instruments AMC7836IPAP Datasheet HTML 11Page - Texas Instruments AMC7836IPAP Datasheet HTML 12Page - Texas Instruments AMC7836IPAP Datasheet HTML 13Page - Texas Instruments AMC7836IPAP Datasheet HTML 14Page - Texas Instruments AMC7836IPAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
11
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.7 Electrical Characteristics: General
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.5 to 5.5 V, AVCC = 12 V, IOVVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVSS DETECTOR
AVSS threshold detector (AVSSTH)
–3.5
–1.5
V
DIGITAL LOGIC: GPIO
High-level input voltage
IOVDD = 1.8 to 5.5 V
0.7 × IOVDD
V
Low-level input voltage
IOVDD = 1.8 V
0.45
V
IOVDD = 2.7 to 5.5 V
0.3 × IOVDD
Low-level output voltage
IOVDD = 1.8 V, I(LOAD) = –2 mA
0.4
V
IOVDD = 5.5 V, I(LOAD) = –5 mA
0.4
Input impedance
To IOVDD
48
k
Ω
DIGITAL LOGIC: ALL EXCEPT GPIO
High-level input voltage
IOVDD = 1.8 to 5.5 V
0.7 × IOVDD
V
Low-level input voltage
IOVDD = 1.8 V
0.45
V
IOVDD = 2.7 to 5.5 V
0.3 × IOVDD
V
High-level output voltage
I(LOAD) = –1 mA
IOVDD – 0.4
V
Low-level output voltage
I(LOAD) = 1 mA
0.4
V
High impedance leakage
±5
µA
High impedance output
capacitance
10
pF
POWER REQUIREMENTS
IAVDD
AVDD supply current
No DAC load, all DACs at 800h code and ADC at
the fastest auto conversion rate
6
13.5
mA
IAVCC
AVCC supply current
7.5
13.5
IAVSS
AVSS supply current
–13.5
–5
IAVEE
AVEE supply current
–3.5
–1.75
IDVDD
DVDD supply current
1
3
IIOVDD
IOVDD supply current
1.5
15
µA
Power consumption
215
mW
IAVDD
AVDD supply current
Power-down mode
2.5
5
mA
IAVCC
AVCC supply current
1
2.5
IAVSS
AVSS supply current
–5
-3
IAVEE
AVEE supply current
–3
–1.75
IDVDD
DVDD supply current
0.75
1.5
IIOVDD
IOVDD supply current
1.5
15
µA
Power consumption
90
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com