Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 55 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 51Page - Texas Instruments AMC7836IPAP Datasheet HTML 52Page - Texas Instruments AMC7836IPAP Datasheet HTML 53Page - Texas Instruments AMC7836IPAP Datasheet HTML 54Page - Texas Instruments AMC7836IPAP Datasheet HTML 55Page - Texas Instruments AMC7836IPAP Datasheet HTML 56Page - Texas Instruments AMC7836IPAP Datasheet HTML 57Page - Texas Instruments AMC7836IPAP Datasheet HTML 58Page - Texas Instruments AMC7836IPAP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
55
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.4.5 ADC MUX Configuration 1 Register (address = 0x14) [reset = 0x00]
Figure 78. ADC MUX Configuration 1 Register (R/W)
7
6
5
4
3
2
1
0
CH15
CH14
CH13
CH12
CH11
CH10
CH9
CH8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 26. ADC MUX Configuration 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CH15
R/W
0
When set to 1 the corresponding analog input channel ADC_n is
accessed during an ADC conversion cycle.
When cleared to 0 the corresponding input channel ADC_n is
ignored during an ADC conversion cycle.
6
CH14
R/W
0
5
CH13
R/W
0
4
CH12
R/W
0
3
CH11
R/W
0
2
CH10
R/W
0
1
CH9
R/W
0
0
CH8
R/W
0
7.6.4.6 ADC MUX Configuration 2 Register (address = 0x15) [reset = 0x00]
Figure 79. ADC MUX Configuration 2 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
TEMP-CH
CH20
CH19
CH18
CH17
CH16
R/W-All Zeros
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 27. ADC MUX Configuration 2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
R/W
All Zeros
Reserved for factory use
5
TEMP-CH
R/W
0
When set to 1 the local temperature sensor is enabled for ADC
conversion.
When cleared to 0 the local temperature sensor is ignored.
4
CH20
R/W
0
When set to 1 the corresponding analog input channel ADC_n is
accessed during an ADC conversion cycle.
When cleared to 0 the corresponding input channel ADC_n is
ignored during an ADC conversion cycle.
3
CH19
R/W
0
2
CH18
R/W
0
1
CH17
R/W
0
0
CH16
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com