Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 2Page - Texas Instruments AMC7836IPAP Datasheet HTML 3Page - Texas Instruments AMC7836IPAP Datasheet HTML 4Page - Texas Instruments AMC7836IPAP Datasheet HTML 5Page - Texas Instruments AMC7836IPAP Datasheet HTML 6Page - Texas Instruments AMC7836IPAP Datasheet HTML 7Page - Texas Instruments AMC7836IPAP Datasheet HTML 8Page - Texas Instruments AMC7836IPAP Datasheet HTML 9Page - Texas Instruments AMC7836IPAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
AVDD to GND
–0.3
6
V
DVDD to GND
–0.3
6
IOVDD to GND
–0.3
6
AVCC to GND
–0.3
18
AVEE to GND
–13
0.3
AVSSB, AVSSC, AVSSD to AVEE
–0.3
13
AVCC to AVSSB, AVSSC, or AVSSD
–0.3
26
AVCC to AVEE
–0.3
26
DGND to AGND
–0.3
0.3
Pin Voltage
ADC_[0-15] analog input voltage to GND
–13
13
V
LV_ADC[16-20] analog input voltage to GND
–0.3
AVDD + 0.3
DAC_A[0-3] outputs to GND
AVEE – 0.3
AVCC + 0.3
DAC_B[4-7] outputs to GND
AVSSB – 0.3
AVCC + 0.3
DAC_C[8-11] outputs to GND
AVSSC – 0.3
AVCC + 0.3
DAC_D[12-15] outputs to GND
AVSSD – 0.3
AVCC + 0.3
REF_CMP to GND
–0.3
AVDD + 0.3
CS, SCLK, SDI and RESET to GND
–0.3
IOVDD + 0.3
SDO to GND
–0.3
IOVDD + 0.3
GPIO[0-7] to GND
–0.3
IOVDD + 0.3
Pin Current
ADC_[0:15] analog input current
–10
10
mA
LV_ADC[16:20] analog input current
–10
10
GPIO[0:7] sinking current
5
Operating temperature
–40
125
°C
Junction temperature, TJmax
–40
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com