Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 34Page - Texas Instruments AMC7836IPAP Datasheet HTML 35Page - Texas Instruments AMC7836IPAP Datasheet HTML 36Page - Texas Instruments AMC7836IPAP Datasheet HTML 37Page - Texas Instruments AMC7836IPAP Datasheet HTML 38Page - Texas Instruments AMC7836IPAP Datasheet HTML 39Page - Texas Instruments AMC7836IPAP Datasheet HTML 40Page - Texas Instruments AMC7836IPAP Datasheet HTML 41Page - Texas Instruments AMC7836IPAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
GPIOn
ENABLE
GPIOn Bit
(when reading)
GPIOn Bit
(when writing)
IOVDD
48 k
Ÿ
38
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3.5 General Purpose I/Os
The AMC7836 device includes eight GPIO pins, each with an internal 48-k
Ω pullup resistor to the IOVDD pin. The
GPIO[0:3] pins have dual functionality and can be programmed as either bidirectional digital I/O pins or interrupt
signals in the GPIO configuration register (address 0x12). The GPIO[4:7] pins are dedicated GPIOs. Table 4 lists
the dual function of the GPIO[0:3] pins.
Table 4. Dual Functionality GPIO Pins
PIN
DEFAULT PIN NAME
ALTERNATIVE PIN NAME
ALTERNATIVE
FUNCTIONALITY
7
GPIO0
ALARMIN
DAC clear control signal.
8
GPIO1
ALARMOUT
Global alarm output.
9
GPIO2
ADCTRIG
External ADC conversion trigger.
10
GPIO3
DAV
ADC data available indicator.
The GPIOs can receive an input or produce an output. When the GPIOn pin acts as an output, the status of the
pin is determined by the corresponding GPIO bit in the GPIO register (address 0x7A).
To use a GPIOn pin as an input, the corresponding GPIO bit in the GPIO register must be set to 1. When a
GPIOn pin acts as input, the digital value on the pin is acquired by reading the corresponding GPIO bit. After a
power-on reset (POR) or any forced reset, all GPIO bits are set to 1, and the GPIOn pins have a 48-k
Ω input
impedance to the IOVDD pin (see Figure 59). The unused GPIO pins can be left floating.
Figure 59. AMC7836 GPIO Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com