Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 73 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 69Page - Texas Instruments AMC7836IPAP Datasheet HTML 70Page - Texas Instruments AMC7836IPAP Datasheet HTML 71Page - Texas Instruments AMC7836IPAP Datasheet HTML 72Page - Texas Instruments AMC7836IPAP Datasheet HTML 73Page - Texas Instruments AMC7836IPAP Datasheet HTML 74Page - Texas Instruments AMC7836IPAP Datasheet HTML 75Page - Texas Instruments AMC7836IPAP Datasheet HTML 76Page - Texas Instruments AMC7836IPAP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
VCC
RSP
RSN
VOUT
NC
GND
ADC Input
+
PA
DAC Voltage
PC GPIO
Drain
Gate
Source
R1
R2
R(SENSE)
R3
R4
PAVDD
LMP8480
73
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Application Information (continued)
8.1.2 Current Sensing Applications
In applications that require current sensing of the power amplifier, an external high-side current sense amplifier
can be added and configured to the unipolar ADC inputs. Figure 116 shows this design.
The LMP8480 device is a precision current sense device that amplifies the small differential voltage developed
across a current-sense resistor in the presence of high input common-mode voltages. The LMP8480 device
accepts input signals with a common-mode voltage range from 4 V to 76 V with a bandwidth of 270 kHz. The
LMP8480 device offers different fixed gain settings. The optimal gain setting is dependent on the accuracy
requirement of the application. To maintain precision over temperature, the output of the LMP8480 device should
be directly connected to the AMC7836 unipolar ADC inputs. If the output range of the LMP8480 device is scaled
by a voltage divider, as shown in Figure 116, an output amplifier may be required to drive the ADC unipolar input
to ensure a low impedance source. If the series resistance, in this case R4, is low enough then the buffer may
not be required because the LMP8480 device is capable of driving the input of the AMC7836 unipolar ADC
channel.
NOTE
The external resistors will cause some small error because of temperature drift and the
input bias current of the operation amplifier.
Figure 116 also shows a simple method to ensure proper power sequencing of the power amplifier by adding a
series PMOS transistor to the PA drain terminal. The activation of the PMOS transistor connects the PAVDD
voltage supply to the drain pin of the power amplifier. The PMOS transistor is driven with a voltage divider that
swings from the PAVDD voltage to PAVDD × (R2 / (R1 + R2)). The NMOS shown in Figure 116 is connected to a
microcontroller output that controls the state of the PMOS transistor.
Figure 116. Current-Sense Application With PMOS ON and OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com