Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 119 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 115Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 116Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 117Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 118Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 119Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 120Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 121Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 122Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
5.7.2
DDR2/mDDR Memory Controller
The DDR2 / mDDR Memory Controller is a dedicated interface to DDR2 / mDDR SDRAM. It supports
JESD79D-2A standard compliant DDR2 SDRAM devices and compliant Mobile DDR SDRAM devices.
DDR2 / mDDR SDRAM plays a key role in a DM355-based system. Such a system is expected to require
a significant amount of high-speed external memory for all of the following functions:
•
Buffering of input image data from sensors or video sources
•
Intermediate buffering for processing/resizing of image data in the VPFE
•
Numerous OSD display buffers
•
Intermediate buffering for large raw Bayer data image files while performing image processing
functions
•
Buffering for intermediate data while performing video encode and decode functions
•
Storage of executable code for the ARM
The DDR2 / mDDR Memory Controller supports the following features:
•
JESD79D-2A standard compliant DDR2 SDRAM
•
Mobile DDR SDRAM
•
256 MByte memory space
•
Data bus width 16 bits
•
CAS latencies:
–
DDR2: 2, 3, 4, and 5
–
mDDR: 2 and 3
•
Internal banks:
–
DDR2: 1, 2, 4, and 8
–
mDDR: 1, 2, and 4
•
Burst length: 8
•
Burst type: sequential
•
1 CS signal
•
Page sizes: 256, 512, 1024, and 2048
•
SDRAM autoinitialization
•
Self-refresh mode
•
Partial array self-refresh (for mDDR)
•
Power down mode
•
Prioritized refresh
•
Programmable refresh rate and backlog counter
•
Programmable timing parameters
•
Little endian
For details on the DDR2 Memory Controller, refer to TMS320DM35x Digital Media System-on-Chip
(DMSoC) DDR2/mDDR Memory Controller Reference Guide (literature number SPRUEH7).
5.7.2.1
DDR2/mDDR Memory Controller Electrical Data/Timing
The Implementing DDR2/mDDR PCB Layout on the TMS320DM35x DMSoC Application Report (literature
number SPRAAR3) specifies a complete DDR2 and mDDR interface solution for the DM355 as well as a
list of compatible DDR2/mDDR devices. TI has performed the simulation and system characterization to
ensure all DDR2 and mDDR interface timings in this solution are met.
TI only supports board designs that follow the guidelines outlined in the Implementing DDR2/mDDR PCB
Layout on the TMS320DM35x DMSoC Application Report (literature number SPRAAR3).
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com