Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 122 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 118Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 119Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 120Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 121Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 122Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 123Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 124Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 125Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
5.9
Video Processing Sub-System (VPSS) Overview
The DM355 contains a Video Processing Sub-System (VPSS) that provides an input interface (Video
Processing Front End or VPFE) for external imaging peripherals such as image sensors, video decoders,
etc.; and an output interface (Video Processing Back End or VPBE) for display devices, such as analog
SDTV displays, digital LCD panels, HDTV video encoders, etc.
In addition to these peripherals, there is a set of common buffer memory and DMA control to ensure
efficient use of the DDR2 burst bandwidth. The shared buffer logic/memory is a unique block that is
tailored for seamlessly integrating the VPSS into an image/video processing system. It acts as the primary
source or sink to all the VPFE and VPBE modules that are either requesting or transferring data from/to
DDR2. In order to efficiently utilize the external DDR2 bandwidth, the shared buffer logic/memory
interfaces with the DMA system via a high bandwidth bus (64-bit wide). The shared buffer logic/memory
also interfaces with all the VPFE and VPBE modules via a 128-bit wide bus. The shared buffer
logic/memory (divided into the read & write buffers and arbitration logic) is capable of performing the
following functions. It is imperative that the VPSS utilize DDR2 bandwidth efficiently due to both its large
bandwidth requirements and the real-time requirements of the VPSS modules. Because it is possible to
configure the VPSS modules in such a way that DDR2 bandwidth is exceeded, a set of user accessible
registers is provided to monitor overflows or failures in data transfers.
5.9.1
Video Processing Front-End (VPFE)
The VPFE or Video Processing Front-End block is comprised of the CCD Controller (CCDC), Image Pipe
(IPIPE), and Hardware 3A Statistic Generator (H3A). These modules are described in the sections that
follow.
5.9.1.1
CCD Controller (CCDC)
The CCDC is responsible for accepting raw (unprocessed) image/video data from a sensor (CMOS or
CCD). In addition, the CCDC can accept YUV video data in numerous formats, typically from so-called
video decoder devices. In the case of raw inputs, the CCDC output requires additional image processing
to transform the raw input image to the final processed image. This processing can be done either
on-the-fly in the Preview Engine hardware ISP or in software on the ARM and MPEG4/JPEG coprocessor
subsystems. In parallel, raw data input to the CCDC can also used for computing various statistics (3A,
Histogram) to eventually control the image/video tuning parameters. The CCDC is programmed via control
and parameter registers. DM355 performance is enhanced by its dedicated hard-wired MPEG4/JPEG
coprocessor (MJCP). The MJCP performs all the computational operations required for JPEG and MPEG4
compression. These operations can be invoked using the xDM (xDIAS for Digital Media) APIs. For more
information, refer to the xDIAS-DM (xDIAS for Digital Media) User's Guide (literature number SPRUEC8).
The following features are supported by the CCDC module.
•
Support for conventional Bayer pattern.
•
Generates HD/VD timing signals and field ID to an external timing generator or can synchronize to the
external timing generator.
•
Support for progressive and interlaced sensors (hardware support for up to 2 fields and firmware
support for higher number of fields, typically 3-, 4-, and 5-field sensors).
•
Support for up to 75-MHZ sensor pixel clock if H3A is not used, otherwise the pixel clock must be less
than 67.5 MHZ
•
Support for ITU-R BT.656 standard format, either 8-bit or 16-bit.
•
Support for YCbCr 422 format, either 8- or 16-bit with discrete HSYNC and VSYNC signals.
•
Support for up to 14-bit input.
•
Support for color space conversion
•
Generates optical black clamping signals.
•
Support for shutter signal control.
•
Support for digital clamping and black level compensation.
122
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com