Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 126 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 122Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 123Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 124Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 125Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 126Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 127Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 128Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 129Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 163 page
background image
PCLK
(PositiveEdgeClocking)
PCLK
(NegativeEdgeClocking)
7,9
HD/VD
CI[7:0]/YI[7:0]/
CCD[13:0]
8,10
11
12
5
6
CAM_WEN_FIELD
PCLK
(PositiveEdgeClocking)
15
16
23
24
CI[7:0]/YI[7:0]/
CCD[13:0]
CAM_WEN_FIELD
PCLK
(PositiveEdgeClocking)
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Figure 5-24. VPFE (CCD) Slave Mode Input Data Timing
Table 5-19. Timing Requirements for VPFE (CCD) Master Mode(1) (see Figure 5-25)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
15
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
16
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
23
tsu(CAM_WEN_FIELDV-PCLK)
Setup time, CAM_WEN_FIELD valid before PCLK edge
3
ns
24
th(PCLK-CAM_WEN_FIELDV)
Hold time, CAM_WEN_FIELD valid after PCLK edge
2
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 5-25. VPFE (CCD) Master Mode Input Data Timing
126
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com