Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 132 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 128Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 129Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 130Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 131Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 132Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 133Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 134Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 135Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 163 page
background image
DIN<9:0>
MSB
LSB
DACDigitalInput
ExampleforExternalCircuit
Iout[mA]
1.4mA
0
DACOutputCurrent
CBG
0.1 F
m
VREF
VideoDAC
RBIAS
2550W
IBIAS
RLOAD
499W
IOUT
Buffer
VFB
TVOUT
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
A.
Connect IOUT to a high-impedance video buffer device.
B.
Place capacitors and resistors as close as possible to the DM355.
C.
Configure the VDAC_CONFIG register in the system control module as follows: DINV = 0, PWD_GBZ = 1,
PWD_VBUFZ = 0, ACCUP_EN = X. See the TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM
Subsystem Reference Guide (literature number SPRUFB3) and the TMS320DM35x Digital Media System-on-Chip
Video Processing Back End (VPBE) Reference Guide (literature number SPRUF72) for more information on
VDAC_CONFIG.
Figure 5-31. DAC Only Application Example
132
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com