Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 133 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 129Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 130Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 131Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 132Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 133Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 134Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 135Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 136Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 163 page
background image
DIN<9:0>
DACDigitalInput
CBG
0.1 F
m
VREF
VideoDACandBuffer
RBIAS
2550 Ω
IBIAS
Rfb = 1000 Ω
IOUT
VFB
TVOUT
Rout =1070 Ω
TVmonitor
TVOUT[V]
VideoBufferOutputVoltage
MSB
LSB
V
OL(VIDBUF)
V
OH(VIDBUF)
0
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
A.
Place capacitors and resistors as close as possible to the DM355.
B.
You must use the circuit shown in this diagram. Also you must configure the VDAC_CONFIG register in the System
Control module as follows: TRESB4R4 = 0x3, TRESB4R2 = 0x8, TRESB4R1 = 0x8, TRIMBITS = 0x34, PWD_BGZ =
1 (power up VREF), SPEED = 1 (faster), TVINT = don't care, PWD_VBUFZ = 1 (power up video buffer), VREFSET =
don't care, ACCUP_EN = 0 (no A/C coupling), DINV = 1 (invert). See TMS320DM35x Digital Media System-on-Chip
(DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3) and the TMS320DM35x Digital Media
System-on-Chip Video Processing Back End (VPBE) Reference Guide (literature number SPRUF72) for more
information on the VDAC_CONFIG register and Video Buffer.
C.
For proper TVOUT voltage, you must connect the pin TVOUT directly to the TV. No A/C coupling capacitor or
termination resistor is necessary on your DM355 board. Also, it is assumed that the TV has no internal A/C coupling
capacitor but does have an internal termination resistor, as shown in this diagram. TVOUT voltage will range from
VOL(VIDBUF) to VOH(VIDBUF). See Section 4.3 for the voltage specifications.
Figure 5-32. DAC With Buffer Circuit
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com