Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MTR40 Datasheet HTML 1Page - Interpoint Corporation Company MTR40 Datasheet HTML 2Page - Interpoint Corporation Company MTR40 Datasheet HTML 3Page - Interpoint Corporation Company MTR40 Datasheet HTML 4Page - Interpoint Corporation Company MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
WiDe input voltage range
MTR converters are designed to provide full power over a
full 16 to 40 VDC input voltage range. Operation below 16
volts, including MIL-STD-704A emergency power conditions is
possible with derated power. Refer to the low line dropout graphs
(“Figure 27”, “Figure 35” and “Figure 36”) for details.
DynaMiC response
The MTR Series feed-forward compensation system provides
excellent dynamic response and noise rejection. Audio rejection
is typically 40 dB for singles and duals and 50 dB for triples. The
minimum to maximum step line transition response is typically
less than 4%.
inhibit FunCtion
MTR converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output voltage and very
low quiescent input current. The converter is inhibited when the
inhibit pin is pulled below 0.8 V and enabled when its inhibit pin
is left floating. An external inhibit interface should be capable of
pulling the converter’s inhibit pin below 0.8 V while sinking the
maximum inhibit current and also allowing the inhibit pin to float
high to enable the converter. A voltage should not be applied to
the inhibit pin. The open circuit voltage present on the inhibit pin
is 9 to 11 V.
Figure 1: Mtr single bloCk DiagraM
Output
Common
Positive
Output
Positive
Input
Inhibit
Input
Common
Input
Common
Input
Common
Sync In
MTR Single Output
Input Filter
Driver
PWM
Case
VBIAS
Current Limit
Voltage
Feedback
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 2 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com