Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 4Page - Interpoint Corporation Company MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company MTR40 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
mODEl NumbERINg kEy
MTR 28 512 T F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
("F" indicates flanged option, non-flanged
case has no designator in this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(Standard screening has no designator
in this position.)
Figure 10: MoDel nuMbering key
mODEl NumbER OPTIONS
tO Determine the mODel number enter One OptiOn frOm
eaCh CategOry in the fOrm belOw
.
CaTEgORy
base model and
Input Voltage
Output Voltage 1
Number of
Outputs 2
Case Options 3
Screening 4
OPTIONS
MTR28
3R3, 05, 12, 15, 18
S
(non-flanged, leave blank)
(standard, leave blank)
05, 12, 15
D
F (flanged)
ES
512, 515
T
883
FIll IN FOR
mODEl #
MTR28
/
Notes:
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The value of 3R3 and 18 are only available in single output models. The 512 and 515 triple
output converters are +5 volt main and ±12 or ±15 volt auxiliaries.
2. Number of Outputs: S is a single output, D is a dual output, and T is a triple output
3. Case Options: For the standard case (“Figure 38: Case H2 – Single and 883 Dual Models” on page 20, “Figure 39: Case H4 – Dual Models - non 883” on page
21 and “Figure 37: Case F1 – Triple Models” on page 19) leave the case option blank. For the flanged case option (“Figure 41: Case K3 – Single and Dual
883 Models” on page 23, “Figure 42: Case K5 – Dual Models - non 883” on page 24 and “Figure 40: Case J1 – Triple Models” on page 22), insert the letter
F in the Case Option position.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see
“Table 12: Element Evaluation” on page 25 and “Table 13: Environmental Screening” on page 26.
SmD NumbERS
StanDarD miCrOCirCuit
Drawing (SmD)
SmD reViSiOn
number 1
mtr Similar part
5962-0150101HXC
D
MTR283R3S/883
5962-9306801HXC
G
MTR2805S/883
5962-9306901HXC
G
MTR2812S/883
5962-9307001HXC
E
MTR2815S/883
5962-9320501HXC
E
MTR2805D/883
5962-9307101HXC
E
MTR2812D/883
5962-9307201HXC
G
MTR2815D/883
5962-9307301HXC
F
MTR28512T/883
5962-9307401HXC
H
MTR28515T/883
1. The SMD revision number distinguishes the MTR (40) converter from
the MTR (50) converter. The SMD numbers are the same. If ordering to
the SMD number, please order to the desired SMD revision, listed above,
for the MTR (40).
To indicate the flanged case option change the “X” to “Z” In the SMD
number. The SMD number shown is for Class H screening, non-flanged.
See the SMD for the numbers for other screening and radiation levels. For
exact specifications for an SMD product, refer to the SMD drawing. SMDs
can be downloaded from: http://www.dscc.dla.mil/programs/smcr
Figure 11: Cover Marking For Mtr - 40 vin
(note: Cover Marking For Mtr (50) - 50 vin is
“Mtr (50) DC-DC Converter” unDer the MoDel nuMber)
table 3: sMD nuMber Cross reFerenCe
table 4: MoDel nuMber options
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 8 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com